データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN210ACMLX データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FIN210ACMLX
部品情報  10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN210ACMLX データシート(HTML) 4 Page - Fairchild Semiconductor

  FIN210ACMLX Datasheet HTML 1Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 2Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 3Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 4Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN210ACMLX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN210AC • Rev. 1.0.1
4
System Control Pin
Table 1.
Serializer (DIRI=1) Control Pin
Function
Control Pin
Conditions
CKREF
STROBE
PLL
Multiplier
PLL0
PLL1
S0
S1
Slow Frequencies
Normal operation
5MHz to 15MHz
≤ CKREF (Up to 15MHz)
1
1
0
0
1
Supports spread spectrum on CKREF
5MHz to 14.2MHz
≤ CKREF (Up to 14.2MHz)
0.947
0
0
0
1
With a fixed CKREF input; STROBE
can be 1/2 the speed
5MHz to 15MHz
≤ CKREF / 2 (Up to 7.5MHz)
2
0
1
0
1
With a fixed CKREF input; STROBE
can be 1/3 the speed
5MHz to 15MHz
≤ CKREF / 3 (Up to 5MHz)
3
1
1
0
1
Medium Frequencies
Normal operation
10MHz to 30MHz
≤ CKREF (Up to 30MHz)
1
1
0
1
1
Supports spread spectrum on CKREF
10MHz to 28.4MHz
≤ CKREF (Up to 28.4MHz)
0.947
0
0
1
1
With a fixed CKREF input; STROBE
can be 1/2 the speed
10MHz to 30MHz
≤ CKREF / 2 (Up to 15MHz)
2
0
1
1
1
With a fixed CKREF input; STROBE
can be 1/3 the speed
10MHz to 30MHz
≤ CKREF / 3 (Up to 10MHz)
3
1
1
1
1
Fast Frequencies
Normal operation
18MHz to 48MHz
≤ CKREF (Up to 48MHz)
1
1
0
1
0
Supports spread spectrum on CKREF
18MHz to 45.4MHz
≤ CKREF (Up to 45.4MHz)
0.947
0
0
1
0
With a fixed CKREF input; STROBE
can be 1/2 the speed
18MHz to 48MHz
≤ CKREF / 2 (Up to 24MHz)
2
0
1
1
0
With a fixed CKREF input; STROBE
can be 1/3 the speed
18MHz to 48MHz
≤ CKREF / 3 (Up to 16MHz)
3
1
1
1
0
Power-Down
X
X
0
0
Table 2.
Deserializer (DIRI=0) PWS Control Pins (Pulse Width Examples)
CKP to STROBE
CKP Pulse Width Low Time
Reference
Control Pin
CKREF=19.2
MHz
CKREF=26
MHz
CKREF=48
MHz
PLL
Multiplier
(Serializer)
Pwidth
Multiplier
PWS0
PWS1
Serializer PLL Multiplier = 3
Non-Inverted
78.1ns
57.7ns
31.2ns
3
6
0
0
Inverted
78.1ns
57.7ns
31.2ns
3
6
1
0
Non-Inverted
156.3ns
115.4ns
62.5ns
3
12
0
1
Non-Inverted
208.3ns
153.8ns
83.3ns
3
16
1
1
Serializer PLL Multiplier = 2
Non-Inverted
52.1ns
38.5ns
20.8ns
2
6
0
0
Inverted
52.1ns
38.5ns
20.8ns
2
6
1
0
Non-Inverted
104.2ns
76.9ns
41.7ns
2
12
0
1
Non-Inverted
138.9ns
102.6ns
55.6ns
2
16
1
1
Serializer PLL Multiplier = 1
Non-Inverted
26ns
19.2ns
10.4ns
1
6
0
0
Inverted
26ns
19.2ns
10.4ns
1
6
1
0
Non-Inverted
52.1ns
38.5ns
20.8ns
1
12
0
1
Non-Inverted
69.4ns
51.3ns
27.8ns
1
16
1
1
Power-Down
X
X
0
0


同様の部品番号 - FIN210ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACBFX FAIRCHILD-FIN212ACBFX Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212ACGFX FAIRCHILD-FIN212ACGFX Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
More results

同様の説明 - FIN210ACMLX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
Maxim Integrated Produc...
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Fairchild Semiconductor
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com