データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM59D03G2 データシート(PDF) 10 Page - SyncMOS Technologies,Inc

部品番号 SM59D03G2
部品情報  8-Bits Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59D03G2 データシート(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59D03G2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59D03G2 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
SM59D03G2
8-Bits Micro-controller
8KB+ ISP Flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M030
10
Ver.C SM59D03G2 07/2009
Function Description
1
General Features
SM59D03G2 is an 8-bit micro-controller. All of its functions and the detailed meanings of SFR will
be given in the following sections.
1.1
Embedded Flash
The program can be loaded into the embedded 8K bytes Flash memory via its writer or ISP
(In-System Programming) or ICP (In-Circuit Programming) function.
The high-quality Flash is suitable for re-programming and data recording as EEPROM.
1.2
IO Pads
The IO pads are compatible to the 8052 series. P0 is open-drain in the input or output high
condition, so the external pull-up resistor is required. P1 ~ P4 are designed with internal pull-up
resistors. The IO pad structure is given below:
Fig. 1-1:IO pad structure
All the pads for P0 ~ P4 are with slew rate to reduce EMI. The other way to reduce EMI is to disable
the ALE output if unused. This is selected by its SFR. In 3.3V applications, the IO pads are 5V
tolerant except for XATL1 and XTAL2.


同様の部品番号 - SM59D03G2

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
More results

同様の説明 - SM59D03G2

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8951B SYNCMOS-SM8951B Datasheet
215Kb / 18P
   8-Bits Micro-controller
SM59128 SYNCMOS-SM59128 Datasheet
600Kb / 32P
   8-Bits Micro-controller
SM59D04G2 SYNCMOS-SM59D04G2 Datasheet
937Kb / 67P
   8-Bits Micro-controller
SM59364 SYNCMOS-SM59364 Datasheet
787Kb / 19P
   8-Bits Micro-controller
logo
Feeling Technology Corp...
FM8PC71HM FEELING-FM8PC71HM Datasheet
605Kb / 76P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
logo
Feeling Technology Corp...
FM8PC71AM FEELING-FM8PC71AM Datasheet
582Kb / 73P
   FTC 8-Bit Micro-Controller With 12-bits ADC
logo
SyncMOS Technologies,In...
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com