データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA87 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA87
部品情報  Cascadable Amplifier 10 to 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA87 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA87 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA87 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 to 400 MHz
Rev. V2
A87 / SMA87
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-450
10-400
10-400
Small Signal Gain (min)
dB
14.0
13.0
12.5
Gain Flatness (max)
dB
±0.3
±0.5
±0.7
Reverse Isolation
dB
20
Noise Figure (max)
dB
3.8
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
17.5
16.5
16.0
IP3
dBm
+33
IP2
dBm
+47
Second Order Harmonic IP
dBm
+53
VSWR Input / Output (max)
1.3:1 / 1.6:1
1.7:1 / 2.0:1
1.9:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
33
35
37
Features
• HIGH OUTPUT LEVEL: +17.5 dBm (TYP.)
• HIGH THIRD ORDER I.P.: +33 dBm (TYP.)
• WIDE POWER SUPPLY RANGE: +5 TO +15 VOLTS
Description
The A87 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for accurate performance and
high reliability.
This single stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband frequency
range. Use of an impedance transformer offers the benefit of
high dynamic range and high efficiency.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
A87
TO-8
SMA87
Surface Mount
CA87**
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
170ºC/W
Transistor Power Dissipation Pd
0.273 W
Junction Temperature Rise
Above Case Tjc
46ºC
* Over temperature performance limits for part number CA87, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


同様の部品番号 - CA87

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA87 MACOM-CA87 Datasheet
377Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
CA87 MA-COM-CA87 Datasheet
617Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
CA87-1 MACOM-CA87-1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
CA87-1 MA-COM-CA87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
CA87-2 MACOM-CA87-2 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 300 MHz
More results

同様の説明 - CA87

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
A87-1 MA-COM-A87-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411 Datasheet
112Kb / 1P
   10 TO 400 MHz CASCADABLE AMPLIFIER
A51 MACOM-A51 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87 MACOM-A87 Datasheet
377Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
M/A-COM Technology Solu...
A411 MA-COM-A411 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 400 MHz
A51 MA-COM-A51 Datasheet
156Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
logo
Tyco Electronics
A411 MACOM-A411_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 400 MHz
A87-1 MACOM-A87-1 Datasheet
85Kb / 1P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC487 ETC1-AC487 Datasheet
106Kb / 2P
   10 TO 400 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com