データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM59R16A2 データシート(PDF) 10 Page - SyncMOS Technologies,Inc

部品番号 SM59R16A2
部品情報  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R16A2 データシート(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM59R16A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM59R16A2 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
10
Ver.B
SM59R16A2/SM59R08A2
06/2009
Function Description
1
General Features
SM59R16A2/SM59R08A2 is an 8-bit micro-controller.
All of its functions and the detailed meanings
of SFR will be given in the following sections.
1.1 Embedded Flash
The program can be loaded into the embedded 64KB/32KB Flash memory via its writer or In-System
Programming (ISP).The high-quality Flash has a 100K-write cycle life, suitable for re-programming
and data recording as EEPROM.
1.2 IO Pads
The IO pads are compatible to the 8052 series. P0 is open-drain in the input or output high condition,
so the external pull-up resistor is required.
P1 ~ P5 are designed with internal pull-up resistors.
The IO pad structure is given below:
Fig. 1-1: IO pad structure
All the pads for P0 ~ P5 are with slew rate to reduce EMI.
The other way to reduce EMI is to disable
the ALE output if unused.
This is selected by its SFR.
The IO pads can withstand 4KV ESD in
human body mode guaranteeing the SM59R16A2/SM59R08A2’s quality in high electro-static
environments.
1.3 2T/1T Selection
The conventional 52-series MCUs are 12T, i.e., 12 oscillator clocks per machine cycle.
SM59R16A2/SM59R08A2 is a 2T or 1T MCU, i.e., its machine cycle is two-clock or one-clock.
In
the other words, it can execute one instruction within two clocks or only one clock.
The difference
between 2T mode and 1T mode are given in the example in Fig. 1-2.


同様の部品番号 - SM59R16A2

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
More results

同様の説明 - SM59R16A2

メーカー部品番号データシート部品情報
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com