データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM59R08A2 データシート(PDF) 1 Page - SyncMOS Technologies,Inc

部品番号 SM59R08A2
部品情報  8-Bit Micro-controller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM59R08A2 データシート(HTML) 1 Page - SyncMOS Technologies,Inc

  SM59R08A2 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM59R08A2 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
SM59R16A2/SM59R08A2
8-Bit Micro-controller
64KB/32KB ISP Flash & 2KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
ISSFD-M034
1
Ver.B
SM59R16A2/SM59R08A2
06/2009
Product List
SM59R16A2L25, SM59R16A2C25
SM59R08A2L25, SM59R08A2C25
Description
The SM59R16A2/SM59R08A2 is a 1T (one machine
cycle per clock) single-chip 8-bit microcontroller.
It
has 64K/32K-byte embedded Flash for program, and
executes all ASM51 instructions fully compatible with
MCS-51.
SM59R16A2/SM59R08A2 contains 2KB on-chip RAM,
48 GPIOs, various serial interfaces and many
peripheral functions as described below. It can be
programmed via writers. Its on-chip ICE is convenient
for users in verification during development stage.
The high performance of SM59R16A2/ SM59R08A2
can achieve complicated manipulation within short
time.
About one third of the instructions are pure 1T,
and the average speed is 8 times of traditional 8051,
the fastest one among all the 1T 51-series.
Its
excellent EMI and ESD characteristics are
advantageous for many different applications.
Ordering Information
SM59R16A2(SM59R08A2)ihhkL
yymmv
i: process identifier {L = 2.7V ~ 3.6V, C = 4.5V ~ 5.5V}
hh: working clock in MHz {25}
k: package type postfix {as table below }
L:PB Free identifier
{No text is Non-PB free,”P” is PB free}
yy: year
mm: month
v: version identifier{ A, B,…}
Postfix
Package
Pin / Pad Configuration
W
64L TQFP
Page 2,3
U
64L LQFP
Page 2,3
Features
Operating Voltage: 4.5V ~ 5.5V or 2.7V ~ 3.6V
High speed architecture of 1 clock/machine cycle
(1T), runs up to 25MHz
1T/2T can be switched on the fly
Instruction-set compatible with MCS-51
Internal OSC with range 1MHz – 24MHz
64K/32K bytes on-chip program memory
External RAM addresses up to 64K bytes.
Standard 12T interface for external RAM access.
256 bytes RAM as standard 8052, plus 2K bytes
on-chip expandable RAM
Dual 16-bit Data Pointers (DPTR0 & DPTR1)
Two serial peripheral interfaces in full duplex
mode (UART0 & UART1),
Three 16-bit Timers/Counters. (Timer 0 , 1, 2)
48 GPIOs
External interrupt 0,1 with two priority levels
Programmable watchdog timer (WDT)
One IIC interface (Master/Slave mode)
One SPI interface (Master/Slave mode)
4-channel PWM (12-bit, 10-bit, 8-bit options)
4-channel 16-bit compare /capture /load functions
4-channel 10-bit analog-to-digital converter (ADC)
ISP/ IAP functions.
EEPROM function
On-chip in-circuit emulator (ICE) function with
On-Chip Debugger(OCD)
Fast multiplication-division unit (MDU) : 16*16,
32/16, 16/16, 32-bit L/R shifting and 32-bit
normalization
Expanded External Interrupt (EEI) interface
on
Port 1 for eight more interrupts
Enhanced user code protection
Power management unit for idle and power down
modes
Contact SyncMOS :
www.syncmos.com.tw
6F, No.10-2 Li- Hsin 1st Road , SBIP, Hsinchu, Taiwan
TEL: 886-3-567-1820
FAX: 886-3-567-1891


同様の部品番号 - SM59R08A2

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM59R02G1 SYNCMOS-SM59R02G1 Datasheet
786Kb / 57P
   Instruction-set compatible with MCS-51
More results

同様の説明 - SM59R08A2

メーカー部品番号データシート部品情報
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com