データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1901 データシート(PDF) 1 Page - Transcom, Inc.

部品番号 TC1901
部品情報  2 - 20 GHz 20 dBm MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1901 データシート(HTML) 1 Page - Transcom, Inc.

  TC1901 Datasheet HTML 1Page - Transcom, Inc. TC1901 Datasheet HTML 2Page - Transcom, Inc. TC1901 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC1901
REV1_20060911
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
2 - 20 GHz 20 dBm MMIC
FEATURES
PHOTO ENLARGEMENT
! Small Chip Size: 43.6 mils x 90 mils
! P
-1 dB: 22.5 dBm typical
! Small Signal Gain: 11.5 dB typical
! Bias Condition: 250 mA @ 8 V
! Single Bias supply
DESCRIPTION
The TC1901 is a broadband general-purpose medium power MMIC amplifier that operates in 2 to 20 GHz frequency
range. The amplifier provides a 11.5 dB of typical gain and delivers 22.5 dBm of typical output power. The MMIC is
fabricated using a mature GaAs PHEMT process. The process features all passivation for increased performance and
reliability. All devices are 100% DC tested to assure consistent quality. Bond pads are gold plated for either
thermocompression or thermosonic wire bonding. Backside gold plating is compatible with standard AuSn
die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
- For full 2-20GHz freq band -
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
2
20
GHz
SSG
Small Signal Gain
10
11.5
dB
GOF
Small Signal Gain Flatness
± 0.6
± 0.8
dB
P-1 dB
Output Power at 1 dB Gain Compression
21.5
22.5
dBm
IP3
Third Order Intercept Point
30
dBm
VSWR, IN
Input VSWR
2:1
-
VSWR, OUT
Output VSWR
2:1
-
VDD
Supply Voltage
8
Volt
IDD
Current Supply
250
mA


同様の部品番号 - TC1901

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
   30 KHz - 12 GHz MMIC
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
   30 KHz - 12 GHz MMIC
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
   6 - 18 GHz 28dBm PA MMIC
logo
SHENZHEN FUMAN ELECTRON...
TC1903A FUMAN-TC1903A Datasheet
319Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
TC1903Z FUMAN-TC1903Z Datasheet
368Kb / 5P
   Single-line transmission three-channel LED driver control dedicated chip
More results

同様の説明 - TC1901

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TM020-080-12-20 TRANSCOM-TM020-080-12-20 Datasheet
56Kb / 1P
   2 ~ 8 GHz 20 dBm Module
TM020-040-16-20 TRANSCOM-TM020-040-16-20 Datasheet
23Kb / 1P
   2 - 4 GHz 20 dBm Module
TM005-020-15-20 TRANSCOM-TM005-020-15-20 Datasheet
23Kb / 1P
   0.5 - 2 GHz 20 dBm Module
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
   2-20 GHz MMIC Limiter
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
Transcom, Inc.
TA005-025-25-20 TRANSCOM-TA005-025-25-20 Datasheet
39Kb / 1P
   0.5 - 2.5 GHz 20 dBm Amplifier
logo
Analog Devices
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
   20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
logo
Marki Microwave
MBAL-0220SM MARKIMICROWAVE-MBAL-0220SM Datasheet
482Kb / 7P
   Passive MMIC 2-20 GHz Surface Mount Balun
logo
Analog Devices
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
   20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com