データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1953P データシート(PDF) 1 Page - Transcom, Inc.

部品番号 TC1953P
部品情報  13.75 - 14.75 GHz 1W MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1953P データシート(HTML) 1 Page - Transcom, Inc.

  TC1953P Datasheet HTML 1Page - Transcom, Inc. TC1953P Datasheet HTML 2Page - Transcom, Inc. TC1953P Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TC1953P
REV3_20060525
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 3
13.75 - 14.75 GHz 1W MMIC
FEATURES
• P
-1 dB: 30.5 dBm
• Small Signal Gain: 14 dB
• IP3: 40 dBm
• DC Power: 600mA@8V
DESCRIPTION
The TC1953P is a two stages PHEMT power amplifier MMIC that operates from 13.75 to 14.75 GHz. The amplifier
provides a minimum of 14 dB Gain and delivers 1Watt output power from 13.75 to 14.75 GHz. The MMIC is
fabricated using Transcom’s proprietary matured GaAs PHEMT process. The process features full passivation for
increased performance and reliability. All devices are 100 % DC tested to assure consistent quality. Bond pads are
gold plated for either thermocompression or thermosonic wire bonding. Backside gold plating is compatible with
standard AuSn die-attach.
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
13.75
14.75
GHz
SSG
Small Signal Gain
13
14
dB
P1 dB
Output Power at 1 dB Gain Compression
29.5
30.5
dBm
P3 dB
Output Power at 3 dB Gain Compression
30
31
dBm
IP3
Third Order Intercept Point
39
40
dBm
VSWR, IN
Input Return Loss
-
2:1
VSWR, OUT
Output Return Loss
-
2:1
VDD
Supply Voltage
-
8
-
Volt
Vg
Gate Voltage
-1.8
-1.0
-0.5
Volt
IDD
Bias Current
500
600
750
mA
ABSOLUTE MAXIMUM RATINGS at 25
°°°°C
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
10 V
VGS
Gate-Source Voltage
-5 V
ID
Drain Current
1500 mA
PT
Continuous Dissipation
7.5 W
Pin
Input Power, CW
10 dBm
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
PHOTO ENLARGEMENT


同様の部品番号 - TC1953P

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
More results

同様の説明 - TC1953P

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
   13.75 - 14.5 GHz 1W MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
Transcom, Inc.
TC4523 TRANSCOM-TC4523 Datasheet
102Kb / 3P
   13.75 - 14.5 GHz 0.5W MMIC
TC4542 TRANSCOM-TC4542 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2 W MMIC
logo
Excelics Semiconductor,...
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
   13.75 - 14.50 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
   13.75 - 14.5 GHz 21 dBm MMIC
TC4531 TRANSCOM-TC4531 Datasheet
81Kb / 3P
   13.75 - 14.5 GHz 1 W MMIC
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
   13.75 - 14.50 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC4522 TRANSCOM-TC4522 Datasheet
62Kb / 2P
   13.75 - 14.5 GHz 0.5 W MMIC
TC3531 TRANSCOM-TC3531 Datasheet
83Kb / 3P
   5.8 GHz 1W MMIC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com