データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2282 データシート(PDF) 2 Page - Transcom, Inc.

部品番号 TC2282
部品情報  Low Noise Ceramic Packaged PHEMT GaAs FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCOM [Transcom, Inc.]
ホームページ  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC2282 データシート(HTML) 2 Page - Transcom, Inc.

  TC2282 Datasheet HTML 1Page - Transcom, Inc. TC2282 Datasheet HTML 2Page - Transcom, Inc. TC2282 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC2282
REV3_20070504
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
TYPICAL SCATTERING PARAMETERS (TA=25
°°°°C)
VDS = 4 V, IDS = 25 mA
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9383
-47.10
5.5644
137.51
0.0366
60.59
0.6091
-28.60
3
0.8833
-69.67
5.2307
117.89
0.0504
47.12
0.5848
-42.78
4
0.8183
-90.11
4.9080
99.81
0.0609
35.57
0.5599
-53.75
5
0.7513
-110.28
4.6107
82.55
0.0690
25.21
0.5291
-63.92
6
0.6806
-130.47
4.3600
66.15
0.0743
15.47
0.4937
-73.46
7
0.6234
-151.73
4.1303
50.15
0.0783
5.35
0.4522
-82.42
8
0.5648
-174.18
3.9245
34.43
0.0791
-1.41
0.4086
-89.96
9
0.5489
161.07
3.7563
18.47
0.0792
-10.32
0.3595
-98.66
10
0.5420
135.99
3.6082
2.73
0.0820
-19.53
0.3029
-106.54
11
0.5773
111.02
3.4158
-14.20
0.0811
-26.65
0.2353
-119.08
12
0.6066
89.70
3.2708
-30.24
0.0783
-37.22
0.1834
-137.69
13
0.6487
70.69
3.0932
-46.84
0.0787
-45.97
0.1599
-159.10
14
0.6924
55.92
2.8975
-60.77
0.0782
-53.77
0.1445
171.54
15
0.7265
39.90
2.7090
-77.21
0.0778
-64.89
0.1579
142.38
16
0.7427
25.42
2.5108
-93.74
0.0781
-78.27
0.1872
118.94
17
0.7616
12.86
2.3699
-108.70
0.0795
-93.03
0.2212
104.97
18
0.7528
1.03
2.2433
-123.32
0.0830
-108.50
0.2577
94.56
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
15
0
165
-180
-165
-1
50
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.15
0.0375
Per Div
S12
0
15
30
150
165
-180
-16
5
-1
50
-30
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
Swp Max
18GHz
Swp Min
2GHz
S22


同様の部品番号 - TC2282

メーカー部品番号データシート部品情報
logo
Transcom, Inc.
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
More results

同様の説明 - TC2282

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TC2182 ETC2-TC2182 Datasheet
104Kb / 4P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
logo
Transcom, Inc.
TC2182 TRANSCOM-TC2182 Datasheet
227Kb / 3P
   Low Noise Ceramic Packaged PHEMT GaAs FETs
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2101 TRANSCOM-TC2101 Datasheet
167Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC2211 TRANSCOM-TC2211 Datasheet
158Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2201 ETC1-TC2201 Datasheet
131Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
logo
Transcom, Inc.
TC2111 TRANSCOM-TC2111 Datasheet
162Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com