データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3010 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 CA3010
部品情報  Cascadable Amplifier 10 kHz to 2500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CA3010 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CA3010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CA3010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
10 kHz to 2500 MHz
Rev. V5
A3010
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +12 / -5.2 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC -54º to +85ºC**
Frequency
MHz
0.010-2500 0.010-2500
0.010-2500
Small Signal Gain (min)
dB
9.5
8.5
8.0
Gain Flatness (max)
dB
±0.9
±1.0
±1.2
Reverse Isolation
dB
16
Noise Figure (max)
dB
4.5
5.5
6.0
Power Output
@ 1 dB comp. (min)
dBm
19.0
17.0
16.5
IP3
dBm
+35
VSWR Input / Output (max)
2.0:1 / 2.0:1 2.3:1 / 2.3:1
2.4:1 / 2.4:1
DC Voltage - Positive
Volts
+12
+12
+12
DC Current - Positive (max)
mA
155
160
165
DC Voltage - Negative
Volts
-5.2
-5.2
-5.2
DC Current - Negative (max)
mA
15
20
25
Features
• GAIN: 9.5 dB (TYP.)
• DC COUPLING REQUIRED*
• +/- 1 dB GAIN FLATNESS
• HIGH DRIVER OUTPUT LEVEL: +18 dBm
• INPUT/OUTPUT MATCH: < 2.0:1 (TYP.)
Description
The A3010 RF amplifier is a discrete hybrid design, which uses thin
film manufacturing processes for accurate performance and high reliability.
This single stage GaAs FET feedback amplifier design displays
impressive performance characteristics over a broadband frequency range.
An RF choke is used for DC power supply decoupling.
A voltage sequencing circuit can be used to ensure the
negative voltage (-5.2 Vdc) is turned on first and turned off last during
normal operation. Reference the application circuit on page 2.
The TO-8 package is hermetically sealed, and MIL-STD-883
environmental screening is available
.
Product Image
Ordering Information
Part Number
Package
A3010
TO-8
CA3010 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+18 V
Continuous Input Power
+17 dBm
Short Term Input power
(1 minute max.)
100 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +12/-5.2 VDC
Parameter
Rating
Thermal Resistance θjc
105.6ºC/W
Transistor Power Dissipation Pd
0.55 W
Junction Temperature Rise
Above Case Tjc
58.1ºC
**
Over temperature performance limits for part number CA3010, guaranteed from 0oC to +50oC only.
*
Model A3010 requires external Input and output DC blocking capacitors (0.36 µF nominal) on the circuit board transmission lines for operation.
Model CA3010 has internal DC blocking capacitors integrated in the design, so external blocking capacitors are not required.
** The connectorized version is not RoHs compliant.


同様の部品番号 - CA3010

メーカー部品番号データシート部品情報
logo
Tyco Electronics
CA3010 MACOM-CA3010 Datasheet
398Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
CA3010 MACOM-CA3010 Datasheet
374Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
logo
Harris Corporation
CA3010A HARRIS-CA3010A Datasheet
317Kb / 7P
   Operational Amplifiers
More results

同様の説明 - CA3010

メーカー部品番号データシート部品情報
logo
Tyco Electronics
A3010 MACOM-A3010 Datasheet
398Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
A3010 MACOM-A3010_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 10 to 2500 MHz
logo
Teledyne Technologies I...
AC2578 TELEDYNE-AC2578 Datasheet
172Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2577 TELEDYNE-AC2577 Datasheet
174Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2546 TELEDYNE-AC2546 Datasheet
163Kb / 2P
   10 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2556 TELEDYNE-AC2556 Datasheet
131Kb / 1P
   2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
   200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2564 TELEDYNE-AC2564 Datasheet
159Kb / 2P
   100 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AC2586 TELEDYNE-AC2586 Datasheet
131Kb / 1P
   2000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com