データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MRF10031 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 MRF10031
部品情報  Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF10031 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF10031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF10031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF10031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF10031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF10031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Microwave Power Silicon NPN Transistor
30W (peak), 960–1215MHz, 36V
M/A-COM Products
Released - Rev. 05.30.07
MRF10031
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Guaranteed performance @ 960-1215MHz, 36Vdc
Output power: 30W peak
Minimum gain: 9.0dB min., 9.5dB typ.
100% tested for load mismatch at all phase angles with 10:1 VSWR
Hermetically sealed, industry standard package
Silicon nitride passivated
Gold metallized, emitter ballasted for long life and resistance to
metal migration
Internal input matching for broadband operation
Description and Applications
Designed for 960–1215 MHz long or short pulse common base amplifier
applications such as JTIDS and Mode–S transmitters.
Product Image
CASE 332A–03, STYLE 2
Maximum Ratings


同様の部品番号 - MRF10031

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MRF10031 MOTOROLA-MRF10031 Datasheet
101Kb / 4P
   MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10031 NJSEMI-MRF10031 Datasheet
157Kb / 2P
   Microwave Long Pulse Power Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor
More results

同様の説明 - MRF10031

メーカー部品番号データシート部品情報
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
   Microwave Power Silicon NPN Transistor
logo
Tyco Electronics
MRF10150 MACOM-MRF10150 Datasheet
139Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1150MA MACOM-MRF1150MA Datasheet
150Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10120 MACOM-MRF10120 Datasheet
128Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor
MRF10031 MA-COM-MRF10031_15 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor
logo
Tyco Electronics
MRF10031 MACOM-MRF10031 Datasheet
163Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com