データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM-104 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 FM-104
部品情報  Broadband Frequency Doubler, 150 - 3000 MHz Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-104 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FM-104 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-104 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Broadband Frequency Doubler,
150 - 3000 MHz Output
Rev. V3
FM-104
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
FP-3
Features
n
Hermetic Flatpack
n
Multioctave Frequency Coverage
n
Conversion Loss: 10 dB Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW Max.
n
MIL-STD-202 Screening Available
Description
A transmission line balun transformer connects to Schottky
diodes arranged in a bridge configuration.
This design
allows balanced activation of all diodes, and yields
excellent conversion loss, and odd-order term suppression.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
Input
Output
75 - 1500
150 - 3000
MHz
MHz
Conversion Loss
75 - 1000 MHz
1000 - 1500 MHz
dB
dB
12
14
Spurious (Referred to
Output F2 Level)
F1
F3
75 - 1000 MHz
1000 - 1500 MHz
225 - 3000 MHz
3000 - 4500 MHz
dB
dB
dB
dB
20
17
20
17
VSWR
Input
Ratio
<2.5:1
Conversion Loss as
Quadrupler
dB
26
1. All specifications apply when operated at +13 dBm input power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
6
GND
2
GND
7
GND
3
Input
8
Output
4
GND
9
GND
5
GND
10
GND


同様の部品番号 - FM-104

メーカー部品番号データシート部品情報
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-104PIN MACOM-FM-104PIN Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
More results

同様の説明 - FM-104

メーカー部品番号データシート部品情報
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Advanced Semiconductor ...
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
   150 ~ 3000 MHz MMIC Amplifier
February 2017
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Tyco Electronics
MAALSS0038 MACOM-MAALSS0038 Datasheet
264Kb / 6P
   Miniature Broadband Gain Stage 70 - 3000 MHz
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com