データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM-107 データシート(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

部品番号 FM-107
部品情報  Broadband Frequency Doubler, 10-4800 MHz Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-107 データシート(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  FM-107 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-107 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. FM-107 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Broadband Frequency Doubler,
10—4800 MHz Output
Rev. V5
FM-107 / -108 / FMS-109
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
Typical Performance Curves
Spurious Response: F3 Suppression
Conversion Loss vs. Input Freq.
Spurious Response: F1 Suppression
Loss as a Quadrupler
6
8
10
12
14
16
18
0.00
0.05
0.25
0.75
1.25
1.75
2.10
2.40
3.00
Inp ut F req uency ( GHz )
10
15
20
25
30
35
40
0.20
2.00
4.00
6.00
8.00
F r eq uency ( GHz )
15
20
25
30
35
40
45
50
0.00
0.10
1.00
1.50
2.00
2.20
2.75
Inp ut F req uency (GHz )
0
10
20
30
40
50
60
70
F r eq uency ( G Hz )
Ordering Information
Part Number
Package
FM-107-PIN
Hermetic Flatpack Package (FP-2)
FM-108-PIN
Hermetic Package (TO-8-1)
FMS-109-PIN
Hermetic Surface Mount package (SF-1)


同様の部品番号 - FM-107

メーカー部品番号データシート部品情報
logo
Tyco Electronics
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
logo
M/A-COM Technology Solu...
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
More results

同様の説明 - FM-107

メーカー部品番号データシート部品情報
logo
Tyco Electronics
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Mallory Sonalert Produc...
PT-1250WQ MSPI-PT-1250WQ Datasheet
85Kb / 1P
   Resonant Frequency (Hz) 4800 짹 500
logo
M/A-COM Technology Solu...
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com