データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM200TU-2A データシート(PDF) 2 Page - Mitsubishi Electric Semiconductor

部品番号 FM200TU-2A
部品情報  MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MITSUBISHI [Mitsubishi Electric Semiconductor]
ホームページ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FM200TU-2A データシート(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FM200TU-2A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FM200TU-2A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FM200TU-2A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FM200TU-2A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FM200TU-2A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb. 2009
2
100
±20
100
200
100
100
200
410
560
–40 ~ +150
–40 ~ +125
2500
3.5 ~ 4.5
3.5 ~ 4.5
600
MITSUBISHI <MOSFET MODULE>
FM200TU-2A
HIGH POWER SWITCHING USE
INSULATED PACKAGE
V
V
Arms
A
A
Arms
A
W
W
°C
°C
Vrms
N • m
N • m
g
Drain-source voltage
Gate-source voltage
Drain current
Avalanche current
Source current
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
G-S Short
D-S Short
TC’ = 137
°C*3
Pulse*2
L = 10
µH Pulse*2
Pulse*2
TC = 25
°C
TC’ = 25
°C*3
Terminals to base plate, f = 60Hz, AC 1 minute
Main terminals M6 screw
Mounting M6 screw
Typical value
Unit
Ratings
VDSS
VGSS
ID(rms)
IDM
IDA
IS(rms)*1
ISM*1
PD*4
PD*4
Tch
Tstg
Viso
Conditions
Item
Symbol
Min.
4.7
mA
V
µA
m
V
m
nF
nC
ns
ns
µC
V
K/W
Drain cutoff current
Gate-source threshold voltage
Gate leakage current
Static drain-source
On-state resistance
Static drain-source
On-state voltage
Lead resistance
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Source-drain voltage
Thermal resistance
Contact thermal resistance
VDS = VDSS, VGS = 0V
ID = 10mA, VDS = 10V
VGS = VGSS, VDS = 0V
ID = 100A
VGS = 15V
ID = 100A
VGS = 15V
ID = 100A
terminal-chip
VDS = 10V
VGS = 0V
VDD = 48V, ID = 100A, VGS = 15V
VDD = 48V, ID = 100A, VGS
± 15V
RG = 13
Ω, Inductive load
IS = 100A
IS = 100A, VGS = 0V
MOSFET part (1/6 module)*7
MOSFET part (1/6 module)*3
Case to heat sink, Thermal grease Applied*8 (1/6 module)
Case to heat sink, Thermal grease Applied*3, *8 (1/6 module)
Unit
Limits
IDSS
VGS(th)
IGSS
rDS(ON)
(chip)
VDS(ON)
(chip)
R(lead)
Ciss
Coss
Crss
QG
td(on)
tr
td(off)
tf
trr*1
Qrr*1
VSD*1
Rth(ch-c)
Rth(ch-c’)
Rth(c-f)
Rth(c’-f’)
Conditions
Item
Symbol
Typ.
6
2.4
4.1
0.24
0.41
1.2
1.68
760
3.6
0.1
0.09
Max.
1
7.3
1.5
3.3
0.33
50
7
4
400
300
450
300
250
1.3
0.30
0.22
Tch = 25
°C
Tch = 125
°C
Tch = 25
°C
Tch = 125
°C
Tch = 25
°C
Tch = 125
°C
Min.
Unit
Limits
Conditions
Parameter
Symbol
Typ.
100
4000
Max.
k
K
Resistance
B Constant
TTh = 25
°C*5
Resistance at TTh = 25
°C, 50°C*5
RTh*6
B*6
NTC THERMISTOR PART
ELECTRICAL CHARACTERISTICS (Tch = 25
°C unless otherwise specified.)
*1: It is characteristics of the anti-parallel, source-drain free-wheel diode (FWDi).
*2: Pulse width and repetition rate should be such that the device channel temperature (Tch) does not exceed Tch max rating.
*3: Case Temperature (Tc’) measured point is just under the chips. If use this value, Rth(f-a) should be measured just under the chips.
*4: Pulse width and repetition rate should be such as to cause negligible temperature rise.
*5: TTh is thermistor temperature.
*6:
*7: Case Temperature (Tc) measured point is shown in page OUTLINE DRAWING.
*8: Typical value is measured by using thermally conductive grease of λ = 0.9[W/(m • K)].
R25: resistance at absolute temperature T25 [K]: T25 = 25 [
°C]+273.15 = 298.15 [K]
R50: resistance at absolute temperature T50 [K]: T50 = 50 [
°C]+273.15 = 323.15 [K]
B = In(
)/(
)
R25
R50
1
T25
1
T50
ABSOLUTE MAXIMUM RATINGS (Tch = 25
°C unless otherwise specified.)


同様の部品番号 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM200TU-2A MITSUBISHI-FM200TU-2A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
logo
Powerex Power Semicondu...
FM200TU-2A POWEREX-FM200TU-2A Datasheet
787Kb / 8P
   6-PACK High Power MOSFET Module 100 Amperes/100 Volts
More results

同様の説明 - FM200TU-2A

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
FM400TU-07A MITSUBISHI-FM400TU-07A_09 Datasheet
122Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-3A MITSUBISHI-FM600TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-2A MITSUBISHI-FM600TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM600TU-07A MITSUBISHI-FM600TU-07A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-2A MITSUBISHI-FM400TU-2A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM400TU-3A MITSUBISHI-FM400TU-3A_09 Datasheet
123Kb / 5P
   MOSFET MODULE HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-3A MITSUBISHI-FM200TU-3A Datasheet
109Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A_09 Datasheet
112Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
FM200TU-07A MITSUBISHI-FM200TU-07A Datasheet
108Kb / 5P
   HIGH POWER SWITCHING USE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com