データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM134B データシート(PDF) 8 Page - Silicon Touch Technology Inc.

部品番号 DM134B
部品情報  16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM134B データシート(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM134B Datasheet HTML 4Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 5Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 6Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 7Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 8Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 9Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 10Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 11Page - Silicon Touch Technology Inc. DM134B Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DM134B
DM135B
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-7-
Version
:A.006
Switching Characteristics (Ta = 25 °C unless otherwise noted)
DM134B
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
110
150
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
20
25
ns
ENABLE-OUTn
95
170
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
20
25
ns
Output Current Rise Time
tor
600
800
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=420
Ω
VL=5.0V
RL=107.5
Ω
CL=15pF
45
60
ns
DM135B
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
20
40
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
20
25
ns
ENABLE-OUTn
30
60
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
20
25
ns
Output Current Rise Time
tor
25
50
100
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=630
Ω
VL=5.0V
RL=150
Ω
CL=13pF
15
30
60
ns


同様の部品番号 - DM134B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
More results

同様の説明 - DM134B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM114 SITI-DM114 Datasheet
304Kb / 26P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
   16 BIT CONSTANT CURRENT LED DRIVERS
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com