データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM114 データシート(PDF) 3 Page - Silicon Touch Technology Inc.

部品番号 DM114
部品情報  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM114 データシート(HTML) 3 Page - Silicon Touch Technology Inc.

  DM114 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM114 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DM114
DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 2
Pin Connection (Top view)
Block Diagram
GND
SERIAL-IN
SERIAL-OUT
CLOCK
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
R-EXT
VDD
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
ENABLE
LATCH
CK
CK
D
D
Q
Q
D
ST
Q
CLOCK
CK
D
Q
I-REG.
SERIAL-IN
LATCH
ENABLE
R-EXT
SERIAL-OUT
OUT7
OUT1
OUT0
D
D
ST
ST
Q
Q


同様の部品番号 - DM114

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM114 ETC1-DM114 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
MicroPower Direct, LLC
DM114E MPD-DM114E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
DM114E MPD-DM114E Datasheet
245Kb / 2P
   DM100E SERIES
More results

同様の説明 - DM114

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Silicon Touch Technolog...
DM115B SITI-DM115B Datasheet
239Kb / 17P
   8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM134B SITI-DM134B Datasheet
337Kb / 20P
   16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
   16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
   16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
Texas Instruments
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
[Old version datasheet]   8-Bit Constant-Current LED Sink Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com