データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1116B データシート(PDF) 4 Page - Silicon Touch Technology Inc.

部品番号 ST1116B
部品情報  Variable Speed Double Coil DC Brushless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SITI [Silicon Touch Technology Inc.]
ホームページ  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1116B データシート(HTML) 4 Page - Silicon Touch Technology Inc.

  ST1116B Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1116B Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1116B
SP-ST1116B-A.003
Version
:A.003
Page
:3
Electrical Characteristic
( TA = 25℃ & VDD = 12 V )
Limit
Characteristic
Sym.
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
Operating
3
12
14
V
Quiescent Current
IDD
No load,
All Inputs = 0V or VDD
-
4.5
-
mA
HIN Input Terminal
Input Voltage “H”
VIH
-
0.8*VDD
-
VDD+0.4
V
Input Voltage “L”
VIL
-
-0.4
-
0.2*VDD
V
Input Current “H”
IIH
VIN = VDD
-
-
4
μ
A
O1 / O2 Output Terminal ( TJ = 25℃)
Output Voltage Low
VOL
IOUT = 250mA
-
0.3
-
V
FG Open-Drain Terminal ( TJ = 25℃)
Output Leakage
Current
ILeak
VFG =12V
--
-
10
μ
A
Output Current
IFG
VFG = 0.4V
-
10
-
mA
Output Voltage High
VFGOH
-
-
-
15
V
Automatic Self-Restart Circuit
On Time
TON
-
160
-
ms
Duty Ratio
RDR
TOFF / TON
6
7
8
OUT Terminal
OUT Voltage High
VOUTH VRIN =3.81V
-
11.9
-
V
OUT Voltage Low
VOUTL VRIN =4.89V
-
3.2
-
V


同様の部品番号 - ST1116B

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST111608 E-SWITCH-ST111608 Datasheet
75Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111609 E-SWITCH-ST111609 Datasheet
45Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST111611 E-SWITCH-ST111611 Datasheet
152Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
logo
Silicon Touch Technolog...
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
More results

同様の説明 - ST1116B

メーカー部品番号データシート部品情報
logo
Silicon Touch Technolog...
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308CX ETC1-PT-308CX Datasheet
99Kb / 1P
   Double Coil Motor Driver IC
logo
Sanyo Semicon Device
LB1860 SANYO-LB1860 Datasheet
79Kb / 6P
   Variable Speed Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com