データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAW56WG データシート(PDF) 2 Page - Zowie Technology Corporation

部品番号 BAW56WG
部品情報  Silicon Switching Diode Array Lead free product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZOWIE [Zowie Technology Corporation]
ホームページ  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAW56WG データシート(HTML) 2 Page - Zowie Technology Corporation

  BAW56WG Datasheet HTML 1Page - Zowie Technology Corporation BAW56WG Datasheet HTML 2Page - Zowie Technology Corporation BAW56WG Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
t
IR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at IR(REC) = 1mA
IF
INPUT SIGNAL
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. REVERSE CURRENT
Zowie Technology Corporation
BAW56WG
Zowie Technology Corporation
REV. 0
25 V
70 V
max.
= 70 V
R
V
typ.
5
5
5
1
2
3
4
5
10
10
R (nA)
10
10
10
(
0C)
A
T
(
0C)
A
T
150
100
50
0
0.1 mA
1 mA
10 mA
= 100 mA
F
F
V (V)
150
100
50
0
1.0
0.5
0


同様の部品番号 - BAW56WG

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BAW56WG-AE3-R UTC-BAW56WG-AE3-R Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAW56WG-AL3-R UTC-BAW56WG-AL3-R Datasheet
121Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
More results

同様の説明 - BAW56WG

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
BAW56WGH ZOWIE-BAW56WGH Datasheet
71Kb / 3P
   Silicon Switching Diode Array Lead free product Halogen-free type
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
BAV99WGH ZOWIE-BAV99WGH Datasheet
107Kb / 3P
   Silicon Switching Diode Lead free product Halogen-free type
MMBD7000G ZOWIE-MMBD7000G Datasheet
46Kb / 2P
   Dual Switching Diode Lead free product
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
   HIGH VOLTAGE SWITCHING DIODE Lead free product
BAS21G ZOWIE-BAS21G Datasheet
85Kb / 2P
   High Voltage Switching Diode Lead free product
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com