データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST30-48-5D データシート(PDF) 1 Page - Arch Electronics Corp.

部品番号 ST30-48-5D
部品情報  Encapsulated DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARCH [Arch Electronics Corp.]
ホームページ  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST30-48-5D データシート(HTML) 1 Page - Arch Electronics Corp.

  ST30-48-5D Datasheet HTML 1Page - Arch Electronics Corp. ST30-48-5D Datasheet HTML 2Page - Arch Electronics Corp. ST30-48-5D Datasheet HTML 3Page - Arch Electronics Corp. ST30-48-5D Datasheet HTML 4Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VER : A_2
update : 97.12.01
Encapsulated DC-DC Converter
ST30 SERIES
30 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No. ( Single Output )
ST30-24-2.5S
ST30-24-3.3S
ST30-24-5S
ST30-24-12S
ST30-24-15S
ST30-24-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
24V (18-36V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency
84%
87%
90%
88%
88%
88%
Capacitor Load (max)
6800uF
6800uF
4700uF
680uF
680uF
120uF
Model No. ( Single Output )
ST30-48-2.5S
ST30-48-3.3S
ST30-48-5S
ST30-48-12S
ST30-48-15S
ST30-48-24S
Max. Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input Voltage (V.DC.)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
48V (36-75V)
Output Voltage (V.DC.)
2.5V / 6000mA
3.3V / 6000mA
5V / 6000mA
12V / 2500mA
15V / 2000mA
24V / 1250mA
Efficiency
85%
88%
90%
88%
88%
88%
Capacitor Load (max)
6800uF
6800uF
4700uF
680uF
680uF
120uF
Model No. ( Single Output )
ST30-24-2.5S
ST30-48-2.5S
ST30-24-3.3S
ST30-48-3.3S
ST30-24-5S
ST30-48-5S
ST30-24-12S
ST30-48-12S
ST30-24-15S
ST30-48-15S
ST30-24-24S
ST30-48-24S
Max Output Wattage (W)
15W
19.8W
30W
30W
30W
30W
Input
Input Filter
π type
Voltage (V.DC.)
2.5
3.3
5
12
15
24
Voltage Accuracy
±2%
Current (mA) max
6000
6000
6000
2500
2000
1250
Line Regulation (LL-HL) (typ.)
±0.5%
Load Regulation (10-100%) (typ.)
±1%
Ripple
2.5S~5S:50mV
/
other:
<0.2% Vout +40mV max (Vp-p)
Noise
2.5S~5S100mV
/
other:
<0.5% Vout +50mV max (Vp-p)
Minimum Load
0%
0%
0%
1%
1%
0.5%
Output
Switching Frequency
400KHz
Over Power Protection
Works over 120% of rating and recovers automatically.
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Current limit, auto-recovery
Voltage
1600 VDC.
Resistance
10
8 ohms
Isolation
Capacitance
1000 pF
Operating Temperature
-40°C…+85°C (with derating)
Storage Temperature
-55°C…+105°C
Case Temperature
+105°C max.
Temperature Coefficient
±0.02% Per°C
Humidity
95% RH
Environment
MTBF
>550,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.0 x 1.0 x 0.433 Inches ( 50.8 x 25.4 x 11.0 mm ) Tolerance
±0.5 mm
Case Material
Five-side shielded Aluminum with Non-Conductive base, Black Anodize
Weight
33 g
Physical
Cooling Method
Free-air convection
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Power Module for PCB Mountable
Smaller Size (2”x1”) with High Efficiency
2:1 Input Range
Regulated Output
Low Ripple and Noise
Screw Terminal For Optional
Operating Temperature: -40°C…+85°C (with derating)
Remote ON/OFF Control (Optional)
Standard 2” x 1” Package and Pinout
2-Years Product Warranty


同様の部品番号 - ST30-48-5D

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
ST30-48-5S ARCH-ST30-48-5S Datasheet
222Kb / 4P
   Power Module for PCB Mountable
More results

同様の説明 - ST30-48-5D

メーカー部品番号データシート部品情報
logo
Arch Electronics Corp.
SB1R5 ARCH-SB1R5 Datasheet
192Kb / 2P
   Encapsulated DC-DC Converter
ST20 ARCH-ST20 Datasheet
152Kb / 3P
   Encapsulated DC-DC Converter
ZB15 ARCH-ZB15 Datasheet
106Kb / 3P
   Encapsulated DC-DC Converter
logo
List of Unclassifed Man...
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
logo
Arch Electronics Corp.
SB03 ARCH-SB03 Datasheet
110Kb / 2P
   Encapsulated DC-DC Converter
SB08 ARCH-SB08 Datasheet
120Kb / 3P
   Encapsulated DC-DC Converter
ST10 ARCH-ST10 Datasheet
165Kb / 4P
   Encapsulated DC-DC Converter
SU20 ARCH-SU20 Datasheet
222Kb / 4P
   Encapsulated DC-DC Converter
SB1R5 ARCH-SB1R5_16 Datasheet
136Kb / 2P
   Encapsulated DC - DC Converter
SK40 ARCH-SK40 Datasheet
171Kb / 3P
   Encapsulated DC-DC Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com