データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-45D32DA721 データシート(PDF) 11 Page - Elpida Memory

部品番号 MC-45D32DA721
部品情報  32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D32DA721 データシート(HTML) 11 Page - Elpida Memory

Back Button MC-45D32DA721 Datasheet HTML 7Page - Elpida Memory MC-45D32DA721 Datasheet HTML 8Page - Elpida Memory MC-45D32DA721 Datasheet HTML 9Page - Elpida Memory MC-45D32DA721 Datasheet HTML 10Page - Elpida Memory MC-45D32DA721 Datasheet HTML 11Page - Elpida Memory MC-45D32DA721 Datasheet HTML 12Page - Elpida Memory MC-45D32DA721 Datasheet HTML 13Page - Elpida Memory MC-45D32DA721 Datasheet HTML 14Page - Elpida Memory MC-45D32DA721 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Data Sheet E0037N10
11
(2/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
32
Command and address signal
-C75
90H
1
0
0
1
0
0
0
0
0.9 ns
input setup time
-C80
B0H
1
0
1
1
0
0
0
0
1.1 ns
33
Command and address signal
-C75
90H
1
0
0
1
0
0
0
0
0.9 ns
input hold time
-C80
B0H
1
0
1
1
0
0
0
0
1.1 ns
34
Data signal input setup time
-C75
50H
0
1
0
1
0
0
0
0
0.5 ns
-C80
60H
0
1
1
0
0
0
0
0
0.6 ns
35
Data signal input hold time
-C75
50H
0
1
0
1
0
0
0
0
0.5 ns
-C80
60H
0
1
1
0
0
0
0
0
0.6 ns
36-61
62
SPD revision
00H
0
0
0
0
0
0
0
0
63
Checksum for bytes 0 - 62
-C75
CDH
1
1
0
0
1
1
0
1
-C80
53H
0
1
0
1
0
0
1
1
64-71
Manufacture’s JEDEC ID code
72
Manufacturing location
73-90
Manufacture’s P/N
91
Revision Code
93-94
Manufacturing date
95-99
Assembly serial number
100-127 Mfg specific
00H
0
0
0
0
0
0
0
0
Timing Chart
Refer to the
µPD45D128442, 45D128842, 45D128164 Data sheet (E0030N).


同様の部品番号 - MC-45D32DA721

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721KF-C75 ELPIDA-MC-45D32DC721KF-C75 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721KF-C80 ELPIDA-MC-45D32DC721KF-C80 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721KFA-C75 ELPIDA-MC-45D32DC721KFA-C75 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721KFA-C80 ELPIDA-MC-45D32DC721KFA-C80 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

同様の説明 - MC-45D32DA721

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com