データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N18 データシート(PDF) 1 Page - Shanghai Lunsure Electronic Tech

部品番号 1N18
部品情報  1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENYI [Shanghai Lunsure Electronic Tech]
ホームページ  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N18 データシート(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N18 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N18 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N17
THRU
1N19
1.0 Amp Schottky
Barrier Rectifier
20 to 40 Volts
Features
High Current Capability
Low Power loss
High Efficiency
Low Forward Voltage Drop
Metal Silicon junction, majority carrier conduction
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +125°C
Typical Thermal Resistance: 50oC/W junction to Ambient
For capacitive load. Derate current by 20%
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1N17
20V
14V
20V
1N18
30V
21V
30V
1N19
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Rectified Current
I(AV)
1.0A
TA = 90°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1N17
1N18
1N19
VF
0.45V
0.55V
0.60V
IFM = 1.0A;
TC = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TC = 25°C
TC = 100°C
Typical Junction
Capacitance
CJ
110pF
Measured at
1.0MHz, VR=4.0V
Note:
300 us pulse width, 1% duty cycle
A
B
D
D
C
Cathode Mark
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
R-1
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com


同様の部品番号 - 1N18

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
1N18 RECTRON-1N18 Datasheet
23Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
1N18 DSK-1N18 Datasheet
268Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
1N18 MCC-1N18 Datasheet
370Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Jinan Jingheng (Group) ...
1N18 JINANJINGHENG-1N18 Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
1N18 RECTRON-1N18 Datasheet
262Kb / 3P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
More results

同様の説明 - 1N18

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
1N17 MCC-1N17 Datasheet
370Kb / 2P
   1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS
logo
Micro Commercial Compon...
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
   1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120 Datasheet
113Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
   1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1S20 MCC-1S20 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com