データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4516CA726PF-A80 データシート(PDF) 6 Page - Elpida Memory

部品番号 MC-4516CA726PF-A80
部品情報  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CA726PF-A80 データシート(HTML) 6 Page - Elpida Memory

Back Button MC-4516CA726PF-A80 Datasheet HTML 2Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 3Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 4Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 5Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 6Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 7Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 8Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 9Page - Elpida Memory MC-4516CA726PF-A80 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet E0057N10
6
MC-4516CA726
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
Grade
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
-A80
900
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
-A10
900
/CAS latency = 3
-A80
900
-A10
900
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
9
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
9
Precharge standby current in
non power down mode
ICC2N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
180
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
72
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
45
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
36
Active standby current in
ICC3N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
270
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
180
Operating current
ICC4
tCK
≥ tCK(MIN.)
/CAS latency = 2
-A80
1,080
mA
2
(Burst mode)
IO = 0 mA
-A10
855
/CAS latency = 3
-A80
1,305
-A10
1,125
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
-A80
2,070
mA
3
-A10
2,070
/CAS latency = 3
-A80
2,070
-A10
2,070
Self refresh current
ICC6
CKE
≤ 0.2 V
18
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 9
+ 9
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
– 1.5
+ 1.5
µA
High level output voltage
VOH
IO = – 4 mA
2.4
V
Low level output voltage
VOL
IO = + 4 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


同様の部品番号 - MC-4516CA726PF-A80

メーカー部品番号データシート部品情報
logo
NEC
MC-4516CA726PF-A80 NEC-MC-4516CA726PF-A80 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-4516CA726PF-A80

メーカー部品番号データシート部品情報
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com