データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4532DA727XFA-A75 データシート(PDF) 6 Page - Elpida Memory

部品番号 MC-4532DA727XFA-A75
部品情報  32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532DA727XFA-A75 データシート(HTML) 6 Page - Elpida Memory

Back Button MC-4532DA727XFA-A75 Datasheet HTML 2Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 3Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 4Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 9Page - Elpida Memory MC-4532DA727XFA-A75 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet E0073N20
6
MC-4532DA727
DC Characteristics (Recommended Operating Conditions unless otherwise noted)
Parameter
Symbol
Test condition
Grade
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
-A75
2,200
mA
1
tRC
≥ tRC (MIN.), IO = 0 mA
/CAS latency = 3
-A75
2,290
Precharge standby current in
ICC2P
CKE
≤ VIL (MAX.), tCK = 15 ns
268
mA
power down mode
ICC2PS
CKE
≤ VIL (MAX.), tCK = ∞
98
Precharge standby current in
ICC2N
CKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
610
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC2NS
CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
224
Active standby current in
ICC3P
CKE
≤ VIL (MAX.), tCK = 15 ns
340
mA
power down mode
ICC3PS
CKE
≤ VIL (MAX.), tCK = ∞
152
Active standby current in
ICC3N
CKE
≥ VIH (MIN.), tCK = 15 ns, /CS ≥ VIH (MIN.),
790
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH (MIN.), tCK = ∞, Input signals are stable.
440
Operating current
ICC4
tCK
≥ tCK (MIN.), IO = 0 mA
/CAS latency = 2
-A75
2,290
mA
2
(Burst mode)
/CAS latency = 3
-A75
2,920
CBR (Auto) Refresh current
ICC5
tRC
≥ tRC (MIN.)
/CAS latency = 2
-A75
4,540
mA
3
/CAS latency = 3
-A75
4,720
Self refresh current
ICC6
CKE
≤ 0.2 V
286
mA
Input leakage current
II (L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
–20
+20
µA
Output leakage current
IO (L)
DOUT is disabled, VO = 0 to 3.6 V
–1.5
+1.5
µA
High level output voltage
VOH
IO = –4.0 mA
2.4
V
Low level output voltage
VOL
IO = +4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


同様の部品番号 - MC-4532DA727XFA-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532DA727XFA-A75 ELPIDA-MC-4532DA727XFA-A75 Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

同様の説明 - MC-4532DA727XFA-A75

メーカー部品番号データシート部品情報
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com