データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4516DA727XFA-A75 データシート(PDF) 2 Page - Elpida Memory

部品番号 MC-4516DA727XFA-A75
部品情報  16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516DA727XFA-A75 データシート(HTML) 2 Page - Elpida Memory

  MC-4516DA727XFA-A75 Datasheet HTML 1Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 2Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 3Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 4Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4516DA727XFA-A75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet E0075N20
2
MC-4516DA727
• Single 3.3 V ±0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Registered type
• Serial PD
Ordering Information
Part number
Clock frequency
MHz (MAX.)
Package
Mounted devices
MC-4516DA727EFA-A75
133 MHz
168-pin Dual In-line Memory Module
(Socket Type)
9 pieces of
µPD45128841G5 (Rev. E)
(10.16mm (400) TSOP (II))
MC-4516DA727PFA-A75
Edge connector: Gold plated
38.1 mm height
9 pieces of
µPD45128841G5 (Rev. P)
(10.16mm (400) TSOP (II))
MC-4516DA727XFA-A75
9 pieces of
µPD45128841G5 (Rev. P)
(10.16mm (400) TSOP (II))
MC-4516DA727XFB-A75
30.35 mm height
9 pieces of
µPD45128841G5 (Rev. X)
(10.16mm (400) TSOP (II))


同様の部品番号 - MC-4516DA727XFA-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4516DA727XFA-A75 ELPIDA-MC-4516DA727XFA-A75 Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

同様の説明 - MC-4516DA727XFA-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com