データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMA8104EGR2 データシート(PDF) 34 Page - Freescale Semiconductor, Inc

部品番号 MMA8104EGR2
部品情報  Digital X-Axis or Z-Axis Accelerometer
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8104EGR2 データシート(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MMA8104EGR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8104EGR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
MMA81XXEG
Sensors
34
Freescale Semiconductor
5.6
ELECTRICAL CHARACTERISTICS (continued)
VL (VBUS - VSS) VH, VL (VHCAP - VSS) VH,TL TA TH, unless otherwise specified.
.
1. Parameters tested 100% at final test.
2. Parameters tested 100% at unit probe.
3. Verified by characterization, not tested in production.
4. (*) Indicates a customer critical characteristic or Freescale important characteristic.
7. Tested 100% at 10-bit output. 8-bit value verified via scan.
Ref
Characteristic
Symbol
Min
Typ
Max
Units
94
95
96
97
Total Noise (see Figure 5-3)
400 Hz, 4-pole filter, 20g range
RMS, 100 samples
P-P, 100 samples
180 Hz, 2-pole filter, 20g range
RMS, 100 samples
P-P, 100 samples
nRMS
nP-P
nRMS
nP-P
2
8
2
7
digit
digit
digit
digit
(3)
(3)
(3)
(3)
98
99
100
101
Cross-Axis Sensitivity
X-axis, X-axis to Y-axis
X-axis, X-axis to Z-axis
Y-axis, Y-axis to X-axis
Y-axis, Y-axis to Z-axis
VXY
VXZ
VYX
VYZ
-5
-5
-5
-5
+5
+5
+5
+5
%
%
%
%
(3)
(3)
(3)
(3)
102
103
104
105
106
107
Analog to digital converter
Relative accuracy
Differential nonlinearity
Gain error
Offset error (VIN = VCREG/2)
Noise (RMS, 100 samples)
Noise (peak)
INL
DNL
GAINERR
OFST
nRMS
nP-P
-2
-1
-1
-3
-1
-3
+2
+1
+1
+3
+1
+3
digit
digit
%FSR
digit
digit
digit
(3)
(3)
(2)
(3)
(3)
(3)
108
109
110
111
112
113
114
115
116
117
Deflection
(Self-Test Output - Offset, average of 30 samples,
measured in 0g orientation, TA = 25° C)
X-axis, 20g Range
X-axis, 40g Range
X-axis, 50g Range
X-axis, 100g Range
X-axis, 150g Range
X-axis, 250g Range
Z-axis, 40g Range
Z-axis, 100g Range
Z-axis, 150g Range
Z-axis, 250g Range
*
*
*
*
*
*
*
*
*
*
ΔDFLCT
ΔDFLCT
ΔDFLCT
ΔDFLCT
DDFLCT
DDFLCT
ΔDFLCT
ΔDFLCT
ΔDFLCT
ΔDFLCT
246
123
98
49
82
49
307
299
205
123
digit
digit
digit
digit
digit
digit
digit
digit
digit
digit
(7)
(7)
(7)
(7)
(7)
(7)
(7)
(7)
(7)
(7)
118
Self-Test deflection range, TA = 25 °C, measured in 0g
orientation
ΔDFLCT
-10
+10
%
(1)
119
Self-Test deflection range, TL ≤ TA ≤ TH, measured in
0g orientation
ΔDFLCT
-20
+20
%
(1)


同様の部品番号 - MMA8104EGR2

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MMA8104EGR2 FREESCALE-MMA8104EGR2 Datasheet
398Kb / 49P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8104EGR2 NXP-MMA8104EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

同様の説明 - MMA8104EGR2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXTKEG FREESCALE-MMA81XXTKEG Datasheet
398Kb / 49P
   Digital X-Axis or Z-Axis Accelerometer
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com