データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8001FFE データシート(PDF) 5 Page - Sanken electric

部品番号 SI-8001FFE
部品情報  DC-to-DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FFE データシート(HTML) 5 Page - Sanken electric

  SI-8001FFE Datasheet HTML 1Page - Sanken electric SI-8001FFE Datasheet HTML 2Page - Sanken electric SI-8001FFE Datasheet HTML 3Page - Sanken electric SI-8001FFE Datasheet HTML 4Page - Sanken electric SI-8001FFE Datasheet HTML 5Page - Sanken electric SI-8001FFE Datasheet HTML 6Page - Sanken electric SI-8001FFE Datasheet HTML 7Page - Sanken electric SI-8001FFE Datasheet HTML 8Page - Sanken electric SI-8001FFE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SANKEN ELECTRIC CO., LTD.
DC-to-DC Step-Down Converter
SI-8001FFE
27469.057
Thermal Performance Characteristics
24
22
20
18
16
14
12
10
8
6
4
2
0
–40
–20
0
20
40
60
80
Power Dissipation versus Ambient Temperature
Shin Etsu G746 silicon grease
TA (°C)
No heat sink
T
J(max) = 125°C
No heat sink
T
J(max) = 150°C
Al heat sink
75 mm × 75 mm × 2 mm
R
θJA = 7.6°C/W
T
J(max) = 125°C
Al heat sink
100 mm × 200 mm × 2 mm
R
θJA = 5.2°C/W
T
J(max) = 125°C
Al heat sink
200 mm × 200 mm × 2 mm
R
θJA = 2.3°C/W
T
J(max) = 125°C
Infinite heat sink
T
J(max) = 150°C
Infinite heat sink
T
J(max) = 125°C
6
5
4
3
2
1
0
0
20
40
60
80
100 120 140
180
160
TJ (°C)
Overtemperature
Protection:
Output Voltage versus
Junction Temperature
V
IN = 15 V, IO = 10 mA
OTP On
OTP Off
The application must be designed to ensure that the TJ(max)
of the device is not exceeded during operation. To do so, it is
necessary to determine values for maximum power dissipation,
PD(max), and ambient temperature, TA(max).
PD can be calculated from input values:
⎟⎟
⎜⎜
⎟⎟
⎜⎜
=
IN
O
O
F
x
O
O
D
V
V
I
V
I
V
P
1
1
100
where:
VO is output voltage in V,
VIN is input supply voltage in V,
IO is output current in A,
ηx is IC efficiency in percent (varies with VIN and IO; refer to
efficiency performance curves for value), and
VF is forward voltage for the input diode, Di. In these tests, the
Sanken RK46 was used, at 0.5 V and IO = 3.5 A. For application
design, obtain thermal data from the datasheet for the diode.
PD is substantially affected by the heat conductance properties of
the application, in particular any heatsink connected to the device
radiation fin. The relationships of PD, TA, and heatsink type is
represented in the Power Dissipation chart.
Because the heat dissipation capacity of the heatsink depends
substantively on how it is used in the actual application, thermal
characteristics of the application must be confirmed by testing.
The internal overtemperature protection circuit may enable when
TJ ≥ 130°C.


同様の部品番号 - SI-8001FFE

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
More results

同様の説明 - SI-8001FFE

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com