データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3012KS データシート(PDF) 3 Page - Allegro MicroSystems

部品番号 SI-3012KS
部品情報  Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3012KS データシート(HTML) 3 Page - Allegro MicroSystems

  SI-3012KS Datasheet HTML 1Page - Allegro MicroSystems SI-3012KS Datasheet HTML 2Page - Allegro MicroSystems SI-3012KS Datasheet HTML 3Page - Allegro MicroSystems SI-3012KS Datasheet HTML 4Page - Allegro MicroSystems SI-3012KS Datasheet HTML 5Page - Allegro MicroSystems SI-3012KS Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
sReference Data
Thermal resistance vs. Copper area
Power dissipation vs. Copper area
sExample of Solder Pattern Design
Symbol
Dimensions (mm)
e1
5.72
e
1.27
±0.15
α
0.2
β1
0.2 to 0.5
β2
0.2
L
0.6
b2
0.76
l2
L+
β1+β2
*1 The inner frame stage on which a monolithic IC is mounted is
directly connected to the GND pins (pins 5 through 8). By
expanding the area of the copper connected to the GND pins,
the heat radiation can be improved. It is recommended to
design the solder pattern by opening the insulation film of the
solder patterns of pins 5, 6, 7, and 8, on the wide GND
pattern as shown in Figure 1.
(Reference value conforming to EIAJ
Standard ED-7402-1)
• Calculating junction temperature
Measure the temperature TL of the lead of the GND pin (pin 7) by using a thermocouple, and substitute the
measured value into the following expression to calculate the junction temperature.
Tj=PD
× θj–L + TL
(
θj–L = 22°C/W)
qSI-3000KS Series
L
e
L
L
α
B1
B2
e
e1
b
e
ee
e
e1
l2
b2
*1
Figure 1
ee
e
8
GND pattern
1
7
2
6
3
5
b2
e1
l2
4
Copper area (mm2)
10
100
140
120
100
80
60
40
1000
Area of PC board : 40
×40mm
Copper area (mm2)
10
100
1.2
1
0.8
0.6
0.4
0.2
0
1000
Tj=100
°C Area of PC board : 40×40mm
Ta=25
°C
Ta=50
°C
Ta=80
°C


同様の部品番号 - SI-3012KS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI-3012KS ETC-SI-3012KS Datasheet
92Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3012KS SANKEN-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3012KS SANKEN-SI-3012KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KS SANKEN-SI-3012KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

同様の説明 - SI-3012KS

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com