データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC15XS3400CPNA データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC15XS3400CPNA
部品情報  Quad High Side Switch (Quad 15 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC15XS3400CPNA データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC15XS3400CPNA Datasheet HTML 5Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 6Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 7Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 8Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 9Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 10Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 11Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 12Page - Freescale Semiconductor, Inc MC15XS3400CPNA Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
15XS3400
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3
Output Drain-to-Source ON Resistance
(IHS = 5.0 A, TA = 25°C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)_25
55
24
15
15
m
Ω
Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150°C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)_150
95
41
26
26
m
Ω
Output Source-to-Drain ON Resistance (IHS = -5.0 A, VPWR = -18 V)
(14)
TA = 25°C
TA = 150°C
RSD(ON)
22.5
30
m
Ω
Maximum Severe Short-Circuit Impedance Detection(15)
RSHORT
28
64
100
m
Ω
Output Over-current Detection Levels (6.0 V < VHS[0:3] < 20 V)
28 W bit = 0
28 W bit = 1
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
78
50
44.1
37.8
31.5
25.2
18.9
12.6
10.0
6.4
39
25
22.0
18.9
15.7
12.6
4.5
4.5
4.5
3.0
94.0
60.0
52.5
45.0
37.5
30.0
22.5
15.0
12.0
8.0
47.0
30.0
26.2
22.5
18.7
15.0
6.0
6.0
6.0
4.0
110
70
60.9
52.2
43.5
34.8
26.1
17.4
14.0
9.6
55
35
30.5
26.1
21.8
17.4
7.5
7.5
7.5
5.0
A
Notes
14.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
15.
Short-circuit impedance calculated from HS[0:3] to GND pins. Value guaranteed per design.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC15XS3400CPNA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC15XS3400CPNA FREESCALE-MC15XS3400CPNA Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
More results

同様の説明 - MC15XS3400CPNA

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
logo
NXP Semiconductors
MC09XS3400 NXP-MC09XS3400 Datasheet
1Mb / 51P
   Quad high-side switch (9.0 mOhm)
Rev. 5.0, 8/2018
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com