データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLU8726PbF データシート(PDF) 1 Page - International Rectifier

部品番号 IRLU8726PbF
部品情報  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLU8726PbF データシート(HTML) 1 Page - International Rectifier

  IRLU8726PbF Datasheet HTML 1Page - International Rectifier IRLU8726PbF Datasheet HTML 2Page - International Rectifier IRLU8726PbF Datasheet HTML 3Page - International Rectifier IRLU8726PbF Datasheet HTML 4Page - International Rectifier IRLU8726PbF Datasheet HTML 5Page - International Rectifier IRLU8726PbF Datasheet HTML 6Page - International Rectifier IRLU8726PbF Datasheet HTML 7Page - International Rectifier IRLU8726PbF Datasheet HTML 8Page - International Rectifier IRLU8726PbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
12/16/08
IRLR8726PbF
IRLU8726PbF
HEXFET® Power MOSFET
Notes
 through † are on page 11
D-Pak
IRLR8726PbF
I-Pak
IRLU8726PbF
S
D
G
S
D
G
GD
S
Gate
Drain
Source
D
D
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
l RoHS compliant
Applications
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
VDSS
RDS(on) max
Qg (typ.)
30V 5.8m
:@VGS = 10V
15nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
h
W
PD @TC = 100°C Maximum Power Dissipation h
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
h
–––
2.0
RθJA
Junction-to-Ambient (PCB Mount)
ghÃ
–––
50
°C/W
RθJA
Junction-to-Ambient
h
–––
110
75
Max.
86
f
61
f
340
± 20
30
0.5
38
300 (1.6mm from case)
-55 to + 175
PD - 97146


同様の部品番号 - IRLU8726PbF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLU8726PbF IRF-IRLU8726PbF Datasheet
360Kb / 11P
   HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRLU8726PBF KERSEMI-IRLU8726PBF Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Infineon Technologies A...
IRLU8726PBF INFINEON-IRLU8726PBF Datasheet
360Kb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
11/23/09
More results

同様の説明 - IRLU8726PbF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com