データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLS4030PBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRLS4030PBF
部品情報  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLS4030PBF データシート(HTML) 1 Page - International Rectifier

  IRLS4030PBF Datasheet HTML 1Page - International Rectifier IRLS4030PBF Datasheet HTML 2Page - International Rectifier IRLS4030PBF Datasheet HTML 3Page - International Rectifier IRLS4030PBF Datasheet HTML 4Page - International Rectifier IRLS4030PBF Datasheet HTML 5Page - International Rectifier IRLS4030PBF Datasheet HTML 6Page - International Rectifier IRLS4030PBF Datasheet HTML 7Page - International Rectifier IRLS4030PBF Datasheet HTML 8Page - International Rectifier IRLS4030PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
02/12/09
www.irf.com
1
HEXFET® Power MOSFET
Benefits
l Optimized for Logic Level Drive
l Very Low RDS(ON) at 4.5V VGS
l Superior R*Q at 4.5V VGS
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
Applications
l DC Motor Drive
l High Efficiency Synchronous Rectification in SMPS
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency Circuits
S
D
G
PD - 97370
IRLS4030PbF
IRLSL4030PbF
GD
S
Gate
Drain
Source
VDSS
100V
RDS(on) typ.
3.4m
max.
4.3mΩ
ID
180A
D2Pak
IRLS4030PbF
TO-262
IRLSL4030bF
G
D
S
GD
S
Absolute Maximum Ratings
Symbol
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
dv/dt
Peak Diode Recovery
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Avalanche Characteristics
EAS (Thermally limited)
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
f
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
jk
–––
0.40
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
ij
–––
40
300
Max.
180
130
730
305
See Fig. 14, 15, 22a, 22b
370
21
-55 to + 175
± 16
2.5


同様の部品番号 - IRLS4030PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLS4030PBF IRF-IRLS4030PBF Datasheet
388Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRLS4030PBF IRF-IRLS4030PBF_15 Datasheet
388Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
More results

同様の説明 - IRLS4030PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com