データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2018D1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2018D1
部品情報  3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2018D1 データシート(HTML) 10 Page - Texas Instruments

Back Button TPA2018D1 Datasheet HTML 6Page - Texas Instruments TPA2018D1 Datasheet HTML 7Page - Texas Instruments TPA2018D1 Datasheet HTML 8Page - Texas Instruments TPA2018D1 Datasheet HTML 9Page - Texas Instruments TPA2018D1 Datasheet HTML 10Page - Texas Instruments TPA2018D1 Datasheet HTML 11Page - Texas Instruments TPA2018D1 Datasheet HTML 12Page - Texas Instruments TPA2018D1 Datasheet HTML 13Page - Texas Instruments TPA2018D1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
G015
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G018
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
PO − Output Power − W
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.0
0.5
1.0
1.5
2.0
G016
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Output Power − W
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G019
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
PO − Output Power − W
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.5
1.0
1.5
2.0
G017
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
G020
VDD = 3.6 V
VDD = 2.5 V
VDD = 5 V
Gain = 6 dB
RL = 4 Ω + 33 µH
f = 1 kHz
TPA2018D1
SLOS592 – AUGUST 2009 ................................................................................................................................................................................................ www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 19.
Figure 20.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 21.
Figure 22.
10
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPA2018D1


同様の部品番号 - TPA2018D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2018D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com