データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3000KM データシート(PDF) 6 Page - Sanken electric

部品番号 SI-3000KM
部品情報  Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000KM データシート(HTML) 6 Page - Sanken electric

Back Button SI-3000KM Datasheet HTML 2Page - Sanken electric SI-3000KM Datasheet HTML 3Page - Sanken electric SI-3000KM Datasheet HTML 4Page - Sanken electric SI-3000KM Datasheet HTML 5Page - Sanken electric SI-3000KM Datasheet HTML 6Page - Sanken electric SI-3000KM Datasheet HTML 7Page - Sanken electric SI-3000KM Datasheet HTML 8Page - Sanken electric SI-3000KM Datasheet HTML 9Page - Sanken electric SI-3000KM Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9
sSI-3012KM Typical Characteristics
(Ta=25
°C) *At Vout=2.5V measurement (R2=24kΩ)
qSI-3000KM Series
Dropout Voltage
Output Rise Characteristics
Line Regulation
Load Regulation
Overcurrent Protection Characteristics
Quiescent Circuit Current
Circuit Current
Output ON/OFF Control
Output ON/OFF Control Current
1
0.8
0.6
0.4
0.2
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
3
2
1
01
2
3
4
Input Voltage VIN (V)
IO=0 to 1A
0.25A step
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
02
4
6
8
10
Input Voltage VIN (V)
IO=0 to 1A
0.25A step
2.52
2.50
2.48
2.46
2.44
2.42
2.40
0
0.2
0.4
Output Current IO (A)
0.6
0.8
1
VIN=3.3V
4V
5V
6V
8V
3
2
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Output Current IO (A)
VIN=3.3V
4V
5V
6V
0
2
4
6
8
1012141618
600
500
400
300
200
100
Input Voltage VIN (V)
IO=0A
VC=2V
60
40
20
02
4
6
8
Input Voltage VIN (V)
IO=1A
0.75A
0.25A
0.5A
0A
3
2
1
0
0.5
1
1.5
2
VC Terminal Control Voltage VC (V)
VIN=3.3V
IO=0A
30
20
25
15
5
10
01
2
3
4
VC Terminal Control Voltage VC (V)


同様の部品番号 - SI-3000KM

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-3000KM SANKEN-SI-3000KM Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results

同様の説明 - SI-3000KM

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com