データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-3012KM データシート(PDF) 4 Page - Sanken electric

部品番号 SI-3012KM
部品情報  Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3012KM データシート(HTML) 4 Page - Sanken electric

  SI-3012KM Datasheet HTML 1Page - Sanken electric SI-3012KM Datasheet HTML 2Page - Sanken electric SI-3012KM Datasheet HTML 3Page - Sanken electric SI-3012KM Datasheet HTML 4Page - Sanken electric SI-3012KM Datasheet HTML 5Page - Sanken electric SI-3012KM Datasheet HTML 6Page - Sanken electric SI-3012KM Datasheet HTML 7Page - Sanken electric SI-3012KM Datasheet HTML 8Page - Sanken electric SI-3012KM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7
sReference Data
Copper Foil Area-Thermal Resistance
Copper Foil Area-Power Dissipation
• Obtaining Junction Temperature
Temperature of lead part of GND terminal: Measure TC
with thermocouple. Substitute value to the following for-
mula to obtain the junction temperature
Tj=PD
× θj–C + TC
(
θj–C = 6°C/W)
qSI-3000KM Series
Case temperature
measurement point
10
100
1000
40
50
60
70
80
90
100
Copper Foil Area (mm2)
Glass-epoxy substrate : 30
×30mm
Glass-epoxy substrate : 30
×30mm
0
0.5
1
1.5
Ta=25
°C
40
°C
60
°C
85
°C
10
100
1000
Copper Foil Area (mm2)
sExample of Soldering Pattern Design
5.88
0.8
0.47
1.27
6.1
6.0
2.4
2.5
(Unit : mm)


同様の部品番号 - SI-3012KM

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results

同様の説明 - SI-3012KM

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KM ALLEGRO-SI-3012KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com