データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8000TFE データシート(PDF) 1 Page - Sanken electric

部品番号 SI-8000TFE
部品情報  Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000TFE データシート(HTML) 1 Page - Sanken electric

  SI-8000TFE Datasheet HTML 1Page - Sanken electric SI-8000TFE Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
66
ICs
■Lineup
Part Number
SI-8008TFE
SI-8050TFE
VO (V)
Variable (0.8 to 24)
5
IO (A)
1.5
■Absolute Maximum Ratings
Unit
V
W
°C
°C
°C/W
°C/W
Ratings
43
17.8 (with infinite heatsink)
14.2 (with infinite heatsink)
2.15 (without heat sink, standalone operation)
1.72 (without heatsink, standalone operation)
–30 to +150
–40 to +150
7
58
Symbol
VIN
PD1-1
PD1-2
PD2-1
PD2-2
Tj
Tstg
θj-c
θj-a
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature*
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
■Recommended Operating Conditions
■Features
• Compact full-mold package (equivalent to
TO220)
• Output current: 1.5 A
• High efficiency: 81% typ. (at Vo = 5 V)
• Requires only 4 discrete components
• Built-in reference oscillator (300 kHz)
•Built-in dropping-type-overcurrent and thermal
protection circuits
•Output ON/OFF available (circuit current at
output OFF: 200
µA typ.)
• Soft start available by ON/OFF pin
■Electrical Characteristics
(Ta=25
°C)
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000TFE Series
1-1-2 Switching Mode Regulator ICs
■Applications
• Onboard local power supplies
•AV equipment
•OA equipment
Conditions
Limited by thermal protection, Tjmax=150
°C
Tjmax=125
°C
Limited by thermal protection, Tjmax=150
°C
Tjmax=125
°C
*: This product has built-in thermal protection circuits that may operate when the junction temperature rises above 130
°C.
The recommended design for the junction temperature during operation is below 125
°C.
Parameter
Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
VO
IO
Tjop
Top
Unit
V
V
A
°C
°C
Ratings
SI-8008TFE
SI-8050TFE
Vo+3*1 to 40
8 to 40
0.8 to 24
5.0
0 to 1.5
–20 to +125
–20 to +125
*1: The minimum value of an input voltage range is the higher of 4.5 V or VO + 3 V.
SI-8008TFE
SI-8050TFE
min.
0.784
1.6
1.6
typ.
0.800
VIN=15V, Io=0.1A
max.
0.816
80
40
min.
4.90
typ.
5.00
VIN=15V, Io=0.1A
±0.5
VIN=15V, Io=0.1A, Tc=0 to 100
°C
81
VIN=15V, Io=0.5A
max.
5.10
Vo
(VADJ)
∆VOLOAD
±0.1
VIN=15V, Io=0.1A, Tc=0 to 100
°C
81
VIN=15V, Io=0.5A
∆Vo/∆T
(
∆VREF/∆T)
η
10
VSSL=0V
10
VSSL=0V
0.5
40
0.5
40
10
VIN=15V, Io=0.2 to 1.5A
10
VIN=15V, Io=0.2 to 1.5A
300
VIN=15V, Io=0.5A
300
VIN=15V, Io=0.5A
fo
60
VIN=10 to 30V, Io=0.5A
60
VIN=10 to 30V, Io=0.5A
80
40
∆VOLINE
6
VIN=15V, Io=0A
6
VIN=15V, Io=0A
VIN=15V
VIN=15V
Iq
200
VIN=15V, VSS=0V
200
VIN=15V, VSS=0V
400
400
Iq(OFF)
Low Level Voltage
Outflow Current at
Low Voltage
VSSL
ISSL
IS
V
mV/
°C
%
kHz
mV
mV
A
V
µA
mA
µA
Parameter
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Symbol
Unit
Ratings
Ratings
Output Voltage
(Reference Voltage)
Efficiency
Oscillation Frequency
Line Regulation
Quiescent Circuit Current
Load Regulation
Overcurrent Protection
Starting Current
ON/OFF Pin*
Temperature Coefficient of Output Voltage
(Temperature Coefficient of Reference Voltage)
(Ta=25
°C)
*: Pin 5 is the SS pin. Soft start at power on can be performed with a capacitor connected to this
pin. The output can also be turned ON/OFF with this pin. The output is stopped by setting the
voltage of this pin to VSSL or lower. SS-pin voltage can be changed with an open-collector
drive circuit of a transistor. When using both the soft-start and ON/OFF functions together, the
discharge current from C3 flows into the ON/OFF control transistor. Therefore, limit the cur-
rent securely to protect the transistor if C3 capacitance is large. The SS pin is pulled up to the
power supply in the IC, so applying the external voltage is prohibited. If the pin is not used,
leave it open.
SI-8000TFE
SI-8000TFE
SS
5SS
5SS
C3
C3
5
VO.ON/OFF
Soft start
Soft start
+VO.ON/OFF
SI-8000TFE


同様の部品番号 - SI-8000TFE

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE_11 Datasheet
78Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8000TFE

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000S SANKEN-SI-8000S_10 Datasheet
43Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE Datasheet
449Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000Y SANKEN-SI-8000Y_11 Datasheet
92Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000E SANKEN-SI-8000E_10 Datasheet
40Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com