データシートサーチシステム |
|
FM24CL32-G データシート(PDF) 8 Page - Ramtron International Corporation |
|
FM24CL32-G データシート(HTML) 8 Page - Ramtron International Corporation |
8 / 12 page FM24CL32 Rev. 1.0 May 2009 Page 8 of 12 Electrical Specifications Absolute Maximum Ratings Symbol Description Ratings VDD Power Supply Voltage with respect to VSS -1.0V to +5.0V VIN Voltage on any pin with respect to VSS -1.0V to +5.0V and VIN < VDD+1.0V * TSTG Storage Temperature -55 °C to +125°C TLEAD Lead Temperature (Soldering, 10 seconds) 300 ° C VESD Electrostatic Discharge Voltage - Human Body Model (JEDEC Std JESD22-A114-B) - Machine Model (JEDEC Std JESD22-A115-A) TBD TBD Package Moisture Sensitivity Level MSL-1 * Exception: The “VIN < VDD+1.0V” restriction does not apply to the SCL and SDA inputs. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability. DC Operating Conditions (TA = -40° C to + 85° C, VDD =2.7V to 3.6V unless otherwise specified) Symbol Parameter Min Typ Max Units Notes VDD Main Power Supply 2.7 3.6 V IDD VDD Supply Current @ SCL = 100 kHz @ SCL = 400 kHz @ SCL = 1 MHz 70 250 600 µA µA µA 1 ISB Standby Current 12 µA 2 ILI Input Leakage Current ±1 µA 3 ILO Output Leakage Current ±1 µA 3 VIL Input Low Voltage -0.3 0.3 VDD V VIH Input High Voltage 0.7 VDD VDD + 0.5 V VOL Output Low Voltage @ IOL = 3.0 mA 0.4 V RIN Address Input Resistance (WP, A2-A0) For VIN = VIL (max) For VIN = VIH (min) 50 1 K Ω M Ω 5 VHYS Input Hysteresis 0.05 VDD V 4 Notes 1. SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V. 2. SCL = SDA = VDD. WP = A0 = A1 = A2 = VSS. Stop command issued. 3. VIN or VOUT = VSS to VDD. Does not apply to WP, A2-A0 pins. 4. This parameter is characterized but not tested. 5. The input pull-down circuit is strong (50K Ω) when the input voltage is below V IL and weak (1MΩ) when the input voltage is above VIH. |
同様の部品番号 - FM24CL32-G |
|
同様の説明 - FM24CL32-G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |