データシートサーチシステム |
|
AT45DB321D-TU データシート(PDF) 26 Page - ATMEL Corporation |
|
AT45DB321D-TU データシート(HTML) 26 Page - ATMEL Corporation |
26 / 57 page 26 3597N–DFLASH–04/09 AT45DB321D 14. Manufacturer and Device ID Read Identification information can be read from the device to enable systems to electronically query and identify the device while it is in system. The identification method and the command opcode comply with the JEDEC standard for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The type of information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID, and the ven- dor specific Extended Device Information. To read the identification information, the CS pin must first be asserted and the opcode of 9FH must be clocked into the device. After the opcode has been clocked in, the device will begin out- putting the identification data on the SO pin during the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by two bytes of Device ID information. The fourth byte output will be the Extended Device Information String Length, which will be 00H indicating that no Extended Device Information follows. As indicated in the JEDEC standard, reading the Extended Device Information String Length and any subsequent data is optional. Deasserting the CS pin will terminate the Manufacturer and Device ID Read operation and put the SO pin into a high-impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read. 14.1 Manufacturer and Device ID Information 14.1.1 Byte 1 – Manufacturer ID Hex Value JEDEC Assigned Code Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1FH 0 0 0 1 1 1 1 1 Manufacturer ID 1FH = Atmel 14.1.2 Byte 2 – Device ID (Part 1) Hex Value Family Code Density Code Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Family Code 001 = DataFlash 27H 0 0 1 0 0 1 1 1 Density Code 00111 = 32-Mbit 14.1.3 Byte 3 – Device ID (Part 2) Hex Value MLC Code Product Version Code Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 MLC Code 000 = 1-bit/Cell Technology 00H 0 0 0 0 0 0 0 1 Product Version 00001 = Second Version 14.1.4 Byte 4 – Extended Device Information String Length Hex Value Byte Count Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 00H 0 0 0 0 0 0 0 0 Byte Count 00H = 0 Bytes of Information |
同様の部品番号 - AT45DB321D-TU |
|
同様の説明 - AT45DB321D-TU |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |