データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATXMEGA128A1-AU データシート(PDF) 36 Page - ATMEL Corporation

部品番号 ATXMEGA128A1-AU
部品情報  8/16-bit XMEGA A1 Microcontroller
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128A1-AU データシート(HTML) 36 Page - ATMEL Corporation

Back Button ATXMEGA128A1-AU Datasheet HTML 32Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 33Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 34Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 35Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 36Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 37Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 38Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 39Page - ATMEL Corporation ATXMEGA128A1-AU Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 99 page
background image
36
8067I–AVR–04/09
XMEGA A1
19. TWI - Two-Wire Interface
19.1
Features
Four Identical TWI peripherals
Simple yet Powerful and Flexible Communication Interface
Both Master and Slave Operation Supported
Device can Operate as Transmitter or Receiver
7-bit Address Space Allows up to 128 Different Slave Addresses
Multi-master Arbitration Support
Up to 400 kHz Data Transfer Speed
Slew-rate Limited Output Drivers
Noise Suppression Circuitry Rejects Spikes on Bus Lines
Fully Programmable Slave Address with General Call Support
Address Recognition Causes Wake-up when in Sleep Mode
I2C and System Management Bus (SMBus) compatible
19.2
Overview
The Two-Wire Interface (TWI) is a bi-directional wired-AND bus with only two lines, the clock
(SCL) line and the data (SDA) line. The protocol makes it possible to interconnect up to 128 indi-
vidually addressable devices. Since it is a multi-master bus, one or more devices capable of
taking control of the bus can be connected.
The only external hardware needed to implement the bus is a single pull-up resistor for each of
the TWI bus lines. Mechanisms for resolving bus contention are inherent in the TWI protocol.
PORTC, PORTD, PORTE, and PORTF each has one TWI. Notation of these peripherals are
TWIC, TWID, TWIE, and TWIF, respectively.


同様の部品番号 - ATXMEGA128A1-AU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A1-AU ATMEL-ATXMEGA128A1-AU Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
More results

同様の説明 - ATXMEGA128A1-AU

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATXMEGA128A1 ATMEL-ATXMEGA128A1_14 Datasheet
2Mb / 122P
   8/16-bit XMEGA A1 Microcontroller
ATCMEGA384A1 ATMEL-ATCMEGA384A1 Datasheet
1Mb / 82P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA128A4_0808 ATMEL-ATXMEGA128A4_0808 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA384A1 ATMEL-ATXMEGA384A1_10 Datasheet
3Mb / 107P
   8/16-bit XMEGA A1 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA256A3_1012 ATMEL-ATXMEGA256A3_1012 Datasheet
3Mb / 134P
   8/16-bit XMEGA A3 Microcontroller
ATXMEGA128A4_1012 ATMEL-ATXMEGA128A4_1012 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B Datasheet
888Kb / 75P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_09 Datasheet
3Mb / 102P
   8/16-bit XMEGA A3B Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com