データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-40X40-4P-12V データシート(PDF) 1 Page - HB Electronic Components

部品番号 LM-W6-40X40-4P-12V
部品情報  LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-40X40-4P-12V データシート(HTML) 1 Page - HB Electronic Components

  LM-W6-40X40-4P-12V Datasheet HTML 1Page - HB Electronic Components LM-W6-40X40-4P-12V Datasheet HTML 2Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hebei I.T. (Shanghai) Co.,Ltd.
SPECIFICATION
1
Product Picture:
Product P/N: LM-W6-40x40-4P-12V
Color Code(XX)
Color
Code
White
W6
Product Dimension Characteristics
Unit: mm
INTERNAL CIRCUIT DIAGRAM
+
70mA
-
www.hebeiltd.com.cn


同様の部品番号 - LM-W6-40X40-4P-12V

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-36X36-4P-12V HB-LM-W6-36X36-4P-12V Datasheet
316Kb / 2P
   Emitted Color: Pure White?갮arm White?갧ed?갳ellow?갃lue?갍reen
LM-W6-60X10-11W HB-LM-W6-60X10-11W Datasheet
1Mb / 6P
   Through the LM-80 certification
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
LM-W6-60X10-2W HB-LM-W6-60X10-2W Datasheet
288Kb / 6P
   High radiometric power per LED Very long operating life
LM-W6-60X10-3W HB-LM-W6-60X10-3W Datasheet
309Kb / 6P
   High radiometric power per LED Very long operating life
More results

同様の説明 - LM-W6-40X40-4P-12V

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com