データシートサーチシステム |
|
OP284BRPLS データシート(PDF) 4 Page - Maxwell Technologies |
|
OP284BRPLS データシート(HTML) 4 Page - Maxwell Technologies |
4 / 8 page 4 All data sheets are subject to change without notice ©2009 Maxwell Technologies All rights reserved. Dual Operational Amplifier OP284B 07.16.09 Rev 1 Output voltage swing +V OUT1 I L=1.0mA 4,5,6 14.8 -- -- V -V OUT1 I L=1.0mA 4,5,6 -- -- -14.8 V Gain bandwidth product1 GBWP V O=200mV, RL=2.0kΩ, C L=50pF, TA=+25° C 4-- 4.25 -- MHz Full power bandwidth1,3 FPBW V PEAK=29vp-p, RL=2.0kΩ, C L=50pF, TA=+25° C, 1% distortion 4-- 35 -- kHz Settling time t S A V=+1.0, CL=50pF, RL=2.0kΩ To 0.01%, 10V step 9-- -- 5 µ s Phase margin F O AV=1.0, C L=50pF, R L=2.0kΩ, TA=+25° C 4 -- -- 50 Degrees Slew rate +SR C L=50pF, RL=2.0kΩ 4,5,6 2.4 4.0 -- V/µ s -SR C L=50pF, RL=2.0kΩ 4,5,6 2.4 4.0 -- V/µ s 1. Guaranteed by design. 2. Power consumption is based upon quiescent supply current maximum test limit. No load on outputs. 3. Full power bandwidth is based on slew rate measurement using FBBW = slew rate/(2PV PEAK). TABLE 5. OP284B ELECTRICAL CHARACTERISTICS (V+ = 15V, V- = -15V, V OUT = 0V, RS = 50Ω, RL = 100KΩ, VCM = 0V, TA = -40° C TO +125° C UNLESS OTHERWISE SPECIFIED.) PARAMETER SYMBOL TEST CONDITIONS SUBGROUPS MIN TYP MAX UNIT |
同様の部品番号 - OP284BRPLS |
|
同様の説明 - OP284BRPLS |