データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX1063BEEG+ データシート(PDF) 19 Page - Maxim Integrated Products

部品番号 MAX1063BEEG+
部品情報  250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1063BEEG+ データシート(HTML) 19 Page - Maxim Integrated Products

Back Button MAX1063BEEG+ Datasheet HTML 12Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 13Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 14Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 15Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 16Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 17Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 18Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 19Page - Maxim Integrated Products MAX1063BEEG+ Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
250ksps, +3V, 8-/4-Channel, 10-Bit ADCs
with +2.5V Reference and Parallel Interface
______________________________________________________________________________________
19
Typical Operating Circuits
VDD
REF
REFADJ
CH6
CH5
CH4
CH3
CH2
CH1
CH0
COM
GND
4.7µF
0.1µF
+3V
+1.8V TO +3.6V
+2.5V
OUTPUT STATUS
µP
CONTROL
INPUTS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1/D9
D0/D8
µP DATA BUS
CH7
INT
HBEN
µP
CONTROL
INPUTS
ANALOG
INPUTS
VLOGIC
MAX1061
VDD
REF
REFADJ
CH3
CH2
CH1
CH0
COM
GND
4.7µF
0.1µF
+3V
+1.8V TO +3.6V
+2.5V
OUTPUT STATUS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1/D9
D0/D8
µP DATA BUS
INT
HBEN
ANALOG
INPUTS
VLOGIC
MAX1063
15
14
CH7
CS
QSOP
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
11
12
13
VLOGIC
VDD
REF
REFADJ
GND
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CLK
WR
RD
INT
D0/D8
D1/D9
D2
D3
D4
D5
D6
D7
HBEN
MAX1061
Pin Configurations (continued)
PART
TEMP RANGE
PIN-PACKAGE
INL
(LSB)
MAX1063ACEG+
0°C to +70°C
±0.5
24 QSOP
MAX1063BEEG+
MAX1063AEEG+
-40°C to +85°C
±1
-40°C to +85°C
±0.5
24 QSOP
24 QSOP
Ordering Information (continued)
MAX1063BCEG+
0°C to +70°C
±1
24 QSOP
Chip Information
TRANSISTOR COUNT: 5781
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 QSOP
E28+1
21-0055
24 QSOP
E24+2
21-0055
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages.


同様の部品番号 - MAX1063BEEG+

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106 MAXIM-MAX106 Datasheet
786Kb / 20P
   Demultiplexed Differential PECL Outputs
Rev 0; 6/99
MAX1060 MAXIM-MAX1060 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060ACEI MAXIM-MAX1060ACEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1060AEEI MAXIM-MAX1060AEEI Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

同様の説明 - MAX1063BEEG+

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com