データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HCU04 データシート(PDF) 4 Page - ON Semiconductor

部品番号 74HCU04
部品情報  Hex Unbuffered Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCU04 データシート(HTML) 4 Page - ON Semiconductor

  74HCU04 Datasheet HTML 1Page - ON Semiconductor 74HCU04 Datasheet HTML 2Page - ON Semiconductor 74HCU04 Datasheet HTML 3Page - ON Semiconductor 74HCU04 Datasheet HTML 4Page - ON Semiconductor 74HCU04 Datasheet HTML 5Page - ON Semiconductor 74HCU04 Datasheet HTML 6Page - ON Semiconductor 74HCU04 Datasheet HTML 7Page - ON Semiconductor 74HCU04 Datasheet HTML 8Page - ON Semiconductor 74HCU04 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74HCU04
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
(V)
– 55 to
25_C
v 85_C
v 125_C
Unit
VIH
Minimum High−Level Input
Voltage
Vout = 0.5 V*
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.7
2.5
3.6
4.8
1.7
2.5
3.6
4.8
l.7
2.5
3.6
4.8
V
VIL
Maximum Low−Level Input
Voltage
Vout = VCC – 0.5 V*
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.3
0.5
0.8
1.1
0.3
0.5
0.8
1.1
0.3
0.5
0.8
1.1
V
VOH
Minimum High−Level Output
Voltage
Vin = GND
|Iout| v 20 mA
2.0
4.5
6.0
1.8
4.0
5.5
1.8
4.0
5.5
1.8
4.0
5.5
V
Vin = GND
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
2.36
3.86
5.36
2.26
3.76
5.26
2.20
3.70
5.20
VOL
Maximum Low−Level Output
Voltage
Vin = VCC
|Iout| v 20 mA
2.0
4.5
6.0
0.2
0.5
0.5
0.2
0.5
0.5
0.2
0.5
0.5
V
Vin = VCC
|Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.32
0.32
0.32
0.32
0.37
0.37
0.32
0.40
0.40
Iin
Maximum Input Leakage Current Vin = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 mA
6.0
2.0
20
40
mA
1. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
2. For VCC = 2.0 V, Vout = 0.2 V or VCC − 0.2 V.
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Guaranteed Limit
Symbol
Parameter
VCC
(V)
– 55 to
25_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y
(Figures 1 and 2)
2.0
3.0
4.5
6.0
70
40
14
12
90
45
18
15
105
50
21
18
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 2)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
3. For propagation delays with loads other than 50 pF, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
4. Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Inverter)*
Typical @ 25°C, VCC = 5.0 V
pF
15
5. Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
ON Semiconductor High−Speed CMOS Data Book (DL129/D).


同様の部品番号 - 74HCU04

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

同様の説明 - 74HCU04

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com