データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3VD395650YL データシート(PDF) 1 Page - Silan Microelectronics Joint-stock

部品番号 3VD395650YL
部品情報  HIGH VOLTAGE MOSFET CHIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILAN [Silan Microelectronics Joint-stock]
ホームページ  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

3VD395650YL データシート(HTML) 1 Page - Silan Microelectronics Joint-stock

  3VD395650YL Datasheet HTML 1Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3VD395650YL
3VD395650YL HIGH VOLTAGE MOSFET CHIPS
DESCRIPTION
3VD395650YL is a High voltage N-Channel
enhancement mode power MOS-FET chip fabricated in
advanced silicon epitaxial planar technology;
Advanced termination scheme to provide enhanced
voltage-blocking capability;
Avalanche Energy Specified;
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode;
The chips may packaged in TO-220 type and the typical
equivalent product is 7N65;
The packaged product is widely used in AC-DC power
suppliers, DC-DC converters and H-bridge PWM motor
drivers;
Die size: 4.04mm*3.88mm;
Chip Thickness: 300±20
μm;
Top metal: Al, Backside Metal: Ag.
CHIP TOPOGRAPHY
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
Drain Current
ID
7.0
A
Power Dissipation (TO-220 Package)
PD
147
W
Operation Junction Temperature
TJ
-55~+150
°C
Storage Temperature
Tstg
-55~+150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C)
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain -Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
650
-
-
V
Gate Threshold Voltage
VTH
VGS= VDS, ID=250µA
2.0
-
4.0
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
-
-
1.0
µA
Static Drain- Source On State
Resistance
RDS(on)
VGS=10V, ID=3.5A
-
-
1.4
Ω
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
-
-
±100
nA
Source-Drain Diode Forward on
Voltage
VFSD
IS=7.0A, VGS=0V
-
-
1.4
V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.10.15
Http: www.silan.com.cn
Page 1 of 1


同様の部品番号 - 3VD395650YL

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
3VD395600YL SILAN-3VD395600YL Datasheet
96Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results

同様の説明 - 3VD395650YL

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
3VD324600YL SILAN-3VD324600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186700YL SILAN-3VD186700YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD182600YL SILAN-3VD182600YL Datasheet
28Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD297600YL SILAN-3VD297600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD324400YL SILAN-3VD324400YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD156600YL SILAN-3VD156600YL Datasheet
79Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD379600YL SILAN-3VD379600YL Datasheet
22Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD186600YL SILAN-3VD186600YL Datasheet
91Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
3VD235600YL SILAN-3VD235600YL Datasheet
97Kb / 1P
   HIGH VOLTAGE MOSFET CHIPS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com