データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBXSPA008 データシート(PDF) 4 Page - ON Semiconductor

部品番号 NBXSPA008
部品情報  2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSPA008 データシート(HTML) 4 Page - ON Semiconductor

  NBXSPA008 Datasheet HTML 1Page - ON Semiconductor NBXSPA008 Datasheet HTML 2Page - ON Semiconductor NBXSPA008 Datasheet HTML 3Page - ON Semiconductor NBXSPA008 Datasheet HTML 4Page - ON Semiconductor NBXSPA008 Datasheet HTML 5Page - ON Semiconductor NBXSPA008 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NBXSPA008
http://onsemi.com
4
Table 6. AC CHARACTERISTICS (VDD = 2.5 V ± 5% or VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 4)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
161.1328
MHz
Df
Frequency Stability − NBXSPA008
(Note 5)
±50
ppm
FNOISE
Phase−Noise Performance
100 Hz of Carrier
−101
dBc/Hz
fCLKout = 161.1328 MHz
(See Figures 3 and NO TAG)
1 kHz of Carrier
−119
dBc/Hz
10 kHz of Carrier
−126
dBc/Hz
100 kHz of Carrier
−127
dBc/Hz
1 MHz of Carrier
−135
dBc/Hz
10 MHz of Carrier
−159
dBc/Hz
tjit(F)
RMS Phase Jitter
12 kHz to 20 MHz
0.5
0.75
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
1
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
7
35
ps
Period, RMS
10,000 Cycles
0.6
4
ps
Period, Peak−to−Peak
10,000 Cycles
5
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
48
50
52
%
tR
Output Rise Time (20% and 80%)
115
400
ps
tF
Output Fall Time (80% and 20%)
115
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
ppm
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measurement taken with outputs terminated with 100 ohm across differential pair. See Figure 4.
5. Parameter guarantees 10 years of aging. Includes initial stability at 25°C, shock, vibration and first year aging.
Figure 3. Typical Phase Noise Plot at 161.1328 MHz


同様の部品番号 - NBXSPA008

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LN1TAG ONSEMI-NBXSPA022LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LNHTAG ONSEMI-NBXSPA022LNHTAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
More results

同様の説明 - NBXSPA008

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018_0910 ONSEMI-NBXDPA018_0910 Datasheet
135Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com