データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZV393M-G1 データシート(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

部品番号 AZV393M-G1
部品情報  DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV393M-G1 データシート(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZV393M-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV393M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
3
Nov. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV393
3
BCD Semiconductor Manufacturing Limited
Data Sheet
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOIC-8
-40 to 85oC
AZV393M-E1
AZV393M-G1
AZV393M-E1
AZV393M-G1
Tube
AZV393MTR-E1
AZV393MTR-G1
AZV393M-E1
AZV393M-G1
Tape & Reel
TSSOP-8
-40 to 85oC
AZV393G-E1
AZV393G-G1
EG3D
GG3D
Tube
AZV393GTR-E1
AZV393GTR-G1
EG3D
GG3D
Tape & Reel
MSOP-8
-40 to 85oC
AZV393MM-E1
AZV393MM-G1
AZV393MM-E1
AZV393MM-G1
Tube
AZV393MMTR-E1
AZV393MMTR-G1 AZV393MM-E1
AZV393MM-G1
Tape & Reel
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
6V
Operation Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
ESD (Machine Model)
300
V
ESD (Human Body Model)
4000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Ordering Information
Circuit Type
Package
E1: Lead Free
AZV393
Blank: Tube
G: TSSOP-8
-
M: SOIC-8
MM: MSOP-8
TR: Tape and Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.
G1: Green


同様の部品番号 - AZV393M-G1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AZV393M-G1 DIODES-AZV393M-G1 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

同様の説明 - AZV393M-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AZV393 BCDSEMI-AZV393 Datasheet
79Kb / 2P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
Diodes Incorporated
AZV393 DIODES-AZV393 Datasheet
641Kb / 16P
   DUAL GENERAL PURPOSE LOW VOLTAGE COMPARATOR
LMV331 DIODES-LMV331 Datasheet
1Mb / 13P
   GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
STMicroelectronics
LMV331 STMICROELECTRONICS-LMV331 Datasheet
479Kb / 12P
   General-purpose low voltage comparator
logo
Diodes Incorporated
AZV331 DIODES-AZV331 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AZV331 BCDSEMI-AZV331 Datasheet
384Kb / 14P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
logo
National Semiconductor ...
LM397 NSC-LM397 Datasheet
200Kb / 9P
   Single General Purpose Voltage Comparator
logo
Texas Instruments
SM73403 TI1-SM73403 Datasheet
188Kb / 8P
[Old version datasheet]   Single General Purpose Voltage Comparator
LM397 TI1-LM397_15 Datasheet
859Kb / 19P
[Old version datasheet]   Single General-Purpose Voltage Comparator
logo
National Semiconductor ...
LM397 NSC-LM397_06 Datasheet
603Kb / 8P
   Single General Purpose Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com