データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC1601D データシート(PDF) 1 Page - Bolymin, Inc

部品番号 BC1601D
部品情報  COB with metal frame 5x7 dots with cursor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOLYMIN [Bolymin, Inc]
ホームページ  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC1601D データシート(HTML) 1 Page - Bolymin, Inc

  BC1601D Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC1601D
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
EL Power
Voltage
Vdd
Idd
Vdd-Vo
Vf
If
Vel
Vdd = +5V
Vdd = +5V
25 C
Vel=110
Vac/400Hz
5.0
1.2
4.7
4.2
160
---
V
mA
V
V
mA
V
Typical
Value
Electronic Characteristics
mm
mm
mm
mm
122.0 x 33.0
99.0 x 13.0
0.92 x 1.10
4.84 x 9.7
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins: 15/16, or A/K or 1/2
7. Option: LED B/L
8. Option: +3V single power supply
9. Option: negative voltage (built-in, external)
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
15
16
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Power supply for B/L (+)
Power supply for B/L (GND)
Vss
Vdd
Vo
RS
R/W
E
DB0~7
A
K
0.92
0.06
4.84
6.0
1.6
122.0
± 0.5
94.84
99.0
107.0
114.0
4.0
4.0
4-Ø3.2
16-Ø1.0
PadØ1.8
15.0
1
1
16
SCALE
14 1(LED B/L)
8.9(EL or NoB/L)
10.0(LED B/L)
4.8(EL or No B/L)


同様の部品番号 - BC1601D

メーカー部品番号データシート部品情報
logo
Bolymin, Inc
BC1601D BOLYMIN-BC1601D_17 Datasheet
532Kb / 1P
   COB with metal Frame
More results

同様の説明 - BC1601D

メーカー部品番号データシート部品情報
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1004A BOLYMIN-BC1004A Datasheet
144Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com