データシートサーチシステム |
|
LA110B-DBK.X.DBK.X-PF データシート(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LA110B-DBK.X.DBK.X-PF データシート(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page Page 2/5 UNIT mA mA DBK 30 100 Absolute Maximum Ratings μA ℃ ℃ 50 -20 ~ +80 -30 ~ +100 120 mW 110 Viewing angle 2 θ 1/2 (deg) 260 90 Min. 3.5 Typ. Max. 4.0 30 470 Forward voltage @20mA(V) Dominant wave length λDnm Spectral halfwidth △λnm Luminous intensity @20mA(mcd) Typ. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Parameter Peak Forward Current Duty 1/10@10KHz Forward Current Operating Temperature Reverse Current @5V Storage Temperature Power Dissipation Emitted Blue LA110B/DBK.X.DBK.X-PF InGaN/GaN PART NO MATERIAL Typical Electrical & Optical Characteristics (Ta=25 ℃) Symbol Topr Tstg Ir IF PD IFP Absolute Maximum Ratings at Ta=25 ℃ Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. COLOR Lens Blue Diffused Electrostatic Discharge( * ) Esd 150 V Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * PART NO. LA110B/DBK.X.DBK.X-PF |
同様の部品番号 - LA110B-DBK.X.DBK.X-PF |
|
同様の説明 - LA110B-DBK.X.DBK.X-PF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |