データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2011D1YFFR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2011D1YFFR
部品情報  3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2011D1YFFR データシート(HTML) 11 Page - Texas Instruments

Back Button TPA2011D1YFFR Datasheet HTML 7Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 8Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 9Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 10Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 11Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 12Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 13Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 14Page - Texas Instruments TPA2011D1YFFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Gain +
2 x 150 kW
R
I
V
V
TPA2011D1
www.ti.com
SLOS626 – DECEMBER 2009
APPLICATION INFORMATION
SHORT CIRCUIT AUTO-RECOVERY
When a short-circuit event occurs, the TPA2011D1 goes to shutdown mode and activates the integrated
auto-recovery process whose aim is to return the device to normal operation once the short-circuit is removed.
This process repeatedly examines (once every 100ms) whether the short-circuit condition persists, and returns
the device to normal operation immediately after the short-circuit condition is removed. This feature helps protect
the device from large currents and maintain a good long-term reliability.
INTEGRATED IMAGE REJECT FILTER FOR DAC NOISE REJECTION
In applications which use a DAC to drive Class-D amplifiers, out-of-band noise energy present at the DAC's
image frequencies fold back into the audio-band at the output of the Class-D amplifier. An external low-pass filter
is often placed between the DAC and the Class-D amplifier in order to attenuate this noise.
The TPA2011D1 has an integrated Image Reject Filter with a low-pass cutoff frequency of 130 kHz, which
significantly attenuates this noise. Depending on the system noise specification, the integrated Image Reject
Filter may help eliminate external filtering, thereby saving board space and component cost.
COMPONENT SELECTION
Figure 28 shows the TPA2011D1 typical schematic with differential inputs and Figure 29 shows the TPA2011D1
with differential inputs and input capacitors, and Figure 30 shows the TPA2011D1 with single-ended inputs.
Differential inputs should be used whenever possible because the single-ended inputs are much more
susceptible to noise.
Table 1. Typical Component Values
REF DES
VALUE
EIA SIZE
MANUFACTURER
PART NUMBER
RI
150 k
Ω (±0.5%)
0402
Panasonic
ERJ2RHD154V
CS
1
μF (+22%, –80%)
0402
Murata
GRP155F50J105Z
CI
(1)
3.3 nF (±10%)
0201
Murata
GRP033B10J332K
(1)
CI is only needed for single-ended input or if VICM is not between 0.5 V and VDD – 0.8 V. CI = 3.3 nF
(with RI = 150 kΩ) gives a high-pass corner frequency of 321 Hz.
Input Resistors (RI)
The input resistors (RI) set the gain of the amplifier according to Equation 1.
(1)
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the second harmonic
distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or
better to keep the performance optimized. Matching is more important than overall tolerance. Resistor arrays with
1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the TPA2011D1 to limit noise injection on the high-impedance nodes.
For optimal performance the gain should be set to 2 V/V or lower. Lower gain allows the TPA2011D1 to operate
at its best, and keeps a high voltage at the input making the inputs less susceptible to noise.
Decoupling Capacitors (CS1, CS2)
The TPA2011D1 is a high-performance class-D audio amplifier that requires adequate power supply decoupling
to ensure the efficiency is high and total harmonic distortion (THD) is low. For higher frequency transients,
spikes, or digital hash on the line, a good low equivalent-series-resistance (ESR) ceramic capacitor CS1 = 0.1μF ,
placed as close as possible to the device VDD lead works best. Placing CS1 close to the TPA2011D1 is important
for the efficiency of the class-D amplifier, because any resistance or inductance in the trace between the device
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA2011D1


同様の部品番号 - TPA2011D1YFFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 30P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2011D1YFFR TI1-TPA2011D1YFFR Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
More results

同様の説明 - TPA2011D1YFFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_17 Datasheet
1Mb / 32P
[Old version datasheet]   3.2-W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Texas Instruments
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Texas Instruments
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
logo
Fangtek Ltd.
FT2011 FANGTEK-FT2011 Datasheet
841Kb / 21P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
logo
Shenzhen Huazhimei Semi...
HM2010 HMSEMI-HM2010 Datasheet
1Mb / 16P
   3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com