データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2039D1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2039D1
部品情報  3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2039D1 データシート(HTML) 1 Page - Texas Instruments

  TPA2039D1 Datasheet HTML 1Page - Texas Instruments TPA2039D1 Datasheet HTML 2Page - Texas Instruments TPA2039D1 Datasheet HTML 3Page - Texas Instruments TPA2039D1 Datasheet HTML 4Page - Texas Instruments TPA2039D1 Datasheet HTML 5Page - Texas Instruments TPA2039D1 Datasheet HTML 6Page - Texas Instruments TPA2039D1 Datasheet HTML 7Page - Texas Instruments TPA2039D1 Datasheet HTML 8Page - Texas Instruments TPA2039D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PWM
+
Internal
Oscillator
H-Bridge
Bias
Circuitry
IN+
IN-
EN
Cs
Tobattery
TPA 2039 D1
GND
VDD
VO+
VO-
A1
IN+
A2
GND
A3
VO-
B1
B2
PVDD
B3
PGND
VDD
C1
IN-
C2
EN
C3
VO+
TPA2039D1
9-BALL 0.4mmPITCH
WAFERCHIP SCALEPACKAGE (YFF)
(TOP VIEWOFPCB)
1.214 mm
TPA2039D1
www.ti.com
SLOS652 – DECEMBER 2009
3.2W Mono Class-D Audio Power Amplifier
With 12-dB Gain and Auto Short-Circuit Recovery
Check for Samples: TPA2039D1
1
FEATURES
APPLICATIONS
Wireless or Cellular Handsets and PDAs
Powerful Mono Class-D Speaker Amplifier
Portable Navigation Devices
3.24 W (4
Ω, 5 V, 10% THDN)
General Portable Audio Devices
2.57 W (4
Ω, 5 V, 1% THDN)
1.80 W (8
Ω, 5 V, 10% THDN)
DESCRIPTION
1.46 W (8
Ω, 5 V, 1% THDN)
The TPA2039D1 is a 3.2 W high efficiency filter-free
+12 dB Fixed Gain
class-D audio power amplifier (class-D amp) with
Integrated Image Reject Filter for DAC Noise
12 dB of fixed gain in a tiny 1.21 mm x 1.16 mm
Reduction
wafer chip scale package (WCSP). The device
requires only one external component.
Low Output Noise of 27
μV
Low Quiescent Current of 1.5 mA
Features like 93% efficiency, 1.5 mA quiescent
current, 0.1
μA shutdown current, 82-dB PSRR,
Differential Input Impedance of 150 k
27
μV output noise and improved RF immunity make
Auto-Recovering Short-Circuit Protection
the TPA2039D1 class-D amplifier ideal for cellular
Thermal-Overload Protection
handsets. A fast start-up time of 4 ms with no audible
pop makes the TPA2039D1 ideal for PDA and
Filter-Free Mono Class-D Amp
smart-phone applications.
9-Ball 1,21 mm × 1,16 mm 0,4mm Pitch WCSP
APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA2039D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
More results

同様の説明 - TPA2039D1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2039D1YFFEVM TI-TPA2039D1YFFEVM Datasheet
738Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 12-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1_15 Datasheet
905Kb / 20P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2037D1 TI-TPA2037D1 Datasheet
499Kb / 17P
[Old version datasheet]   3.2W Mono Class-D Audio Power Amplifier With 6-dB Gain and Auto Short-Circuit Recovery
TPA2011D1 TI-TPA2011D1 Datasheet
619Kb / 23P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier With Auto-Recovering Short-Circuit Protection
logo
Diodes Incorporated
PAM8014 DIODES-PAM8014 Datasheet
706Kb / 9P
   3.2W MONO CLASS D AUDIO AMPLIFIER
logo
Texas Instruments
TPA2038D1 TI-TPA2038D1_15 Datasheet
934Kb / 23P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2038D1 TI1-TPA2038D1 Datasheet
753Kb / 22P
[Old version datasheet]   3.2 W Mono Class-D Audio Power Amplifier With Selectable Gain and Auto-Recovering Short-Circuit Protection
TPA2011D1 TI1-TPA2011D1_12 Datasheet
840Kb / 24P
[Old version datasheet]   3.2W Mono Filter-Free Class-D Audio Power Amplifier
logo
Nuvoton Technology Corp...
NAU82039 NUVOTON-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
logo
List of Unclassifed Man...
NAU82039 ETC2-NAU82039 Datasheet
788Kb / 18P
   3.2W Mono Filter-Free Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com