データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5541A データシート(PDF) 6 Page - Analog Devices

部品番号 AD5541A
部品情報  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5541A データシート(HTML) 6 Page - Analog Devices

Back Button AD5541A Datasheet HTML 2Page - Analog Devices AD5541A Datasheet HTML 3Page - Analog Devices AD5541A Datasheet HTML 4Page - Analog Devices AD5541A Datasheet HTML 5Page - Analog Devices AD5541A Datasheet HTML 6Page - Analog Devices AD5541A Datasheet HTML 7Page - Analog Devices AD5541A Datasheet HTML 8Page - Analog Devices AD5541A Datasheet HTML 9Page - Analog Devices AD5541A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5541A/AD5542A/AD5512A
Preliminary Technical Data
Rev. P
rA | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to AGND
−0.3 V to +6 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
VOUT to AGND
−0.3 V to VDD + 0.3 V
AGND, AGNDF, AGNDS to DGND
−0.3 V to +0.3 V
Input Current to Any Pin Except Supplies
±10 mA
Operating Temperature Range
Industrial (A, B, C Versions)
−40°C to +85°C
Commercial (J, L Versions)
0°C to 70°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature (TJ max)
150°C
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Impedance, θJA
SOIC (R-8)
149.5°C/W
SOIC (R-14)
104.5°C/W
Lead Temperature, Soldering
Peak Temperature1
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 As per JEDEC Standard 20.


同様の部品番号 - AD5541A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5541A AD-AD5541A Datasheet
554Kb / 32P
   Ultra Stable, 16-Bit 짹0.5 LSB INL
REV. B
AD5541A AD-AD5541A Datasheet
599Kb / 28P
   System Ready, 18-Bit 짹1 LSB INL
REV. C
AD5541A AD-AD5541A Datasheet
882Kb / 28P
   System Ready, 20-Bit, 짹2LSB INL
REV. B
AD5541A AD-AD5541A Datasheet
854Kb / 28P
   True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
REV. D
AD5541A AD-AD5541A Datasheet
435Kb / 20P
   Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
More results

同様の説明 - AD5541A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_12 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
   2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5624 AD-AD5624 Datasheet
639Kb / 24P
   2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com