データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD035OX1 データシート(PDF) 5 Page - AZ Displays

部品番号 PD035OX1
部品情報  TECHNICAL SPECIFICATION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 データシート(HTML) 5 Page - AZ Displays

  PD035OX1_08 Datasheet HTML 1Page - AZ Displays PD035OX1_08 Datasheet HTML 2Page - AZ Displays PD035OX1_08 Datasheet HTML 3Page - AZ Displays PD035OX1_08 Datasheet HTML 4Page - AZ Displays PD035OX1_08 Datasheet HTML 5Page - AZ Displays PD035OX1_08 Datasheet HTML 6Page - AZ Displays PD035OX1_08 Datasheet HTML 7Page - AZ Displays PD035OX1_08 Datasheet HTML 8Page - AZ Displays PD035OX1_08 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PD035OX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:5
5. Input / Output Terminals
CON1
FPC Down Connect , 30Pins , Pitch : 0.5 mm
Pin No
Symbol
I/O
Description
Remark
1
D15(G5)
I
Green Data
2
D14(G4)
I
Green Data
3
D13(G3)
I
Green Data
4
D12(G2)
I
Green Data
5
D11(G1)
I
Green Data
6
D10(G0)
I
Green Data(LSB)
Note 5-1
7
VDD2
I
Analog power supply for source driver
Note 5-2
8
V8
I
Gamma correction voltage 8
9
V7
I
Gamma correction voltage 7
10
V6
I
Gamma correction voltage 6
11
V5
I
Gamma correction voltage 5
12
V4
I
Gamma correction voltage 4
13
V3
I
Gamma correction voltage 3
14
V2
I
Gamma correction voltage 2
15
V1
I
Gamma correction voltage 1
Note 5-3
16
VSS2
I
Analog ground for source driver
17
D07(R7)
I
Red Data(MSB)
18
D06(R6)
I
Red Data
19
D05(R5)
I
Red Data
20
D04(R4)
I
Red Data
21
D03(R3)
I
Red Data
22
D02(R2)
I
Red Data
23
D01(R1)
I
Red Data
24
D00(R0)
I
Red Data(LSB)
Note 5-1
25
CLK
I
Clock signal. Latching data at the rising edge
26
HS
I
Horizontal sync input in RGB mode and CCIR601 Note 5-4
27
VS
I
Vertical sync input in RGB mode and CCIR601
Note 5-5
28
DEN
I
Input data enable control.(Normally pull low)
Note 5-6
29
VCC
I
Digital power supply for source driver IC
Note 5-7
30
VCOM
I
Voltage for common electrode
Note 5-8


同様の部品番号 - PD035OX1_08

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
More results

同様の説明 - PD035OX1_08

メーカー部品番号データシート部品情報
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com