データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD035OX1 データシート(PDF) 7 Page - AZ Displays

部品番号 PD035OX1
部品情報  TECHNICAL SPECIFICATION
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX1 データシート(HTML) 7 Page - AZ Displays

Back Button PD035OX1 Datasheet HTML 3Page - AZ Displays PD035OX1 Datasheet HTML 4Page - AZ Displays PD035OX1 Datasheet HTML 5Page - AZ Displays PD035OX1 Datasheet HTML 6Page - AZ Displays PD035OX1 Datasheet HTML 7Page - AZ Displays PD035OX1 Datasheet HTML 8Page - AZ Displays PD035OX1 Datasheet HTML 9Page - AZ Displays PD035OX1 Datasheet HTML 10Page - AZ Displays PD035OX1 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
PD035OX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:7
Note 5-1 : Digital data input. DX0 is LSB and DX7 is MSB.
If parallel RGB input mode is used, D0X, D1X, and D2X indicate R, G and B data in turn.
If serial RGB or CCIR601/656 input mode is selected, only D07~D00 are used, and others
short to Vss.
Note 5-2 : VDD2 Typ. = +5V
Note 5-3 : The output voltage is determined by the digital input data. If digital RGB or CCIR601/656
input mode is selected, The 8 gamma correction reference voltages can be set to
externally or generate internally.
If VSET = ”H”, the gamma correction voltage generated externally
If VSET = “L”, the default value is as below : (When VDD =+5V)
V1
V2
V3
V4
V5
V6
V7
V8
Default
Voltage(V)
4.29
3.73
3.33
2.94
2.62
2.22
1.51
0.48
Note 5-4 : Horizontal sync input in digital RGB mode. Or HREF input in CCIR601 mode.
( Short to Vss if not used )
Note 5-5 : Vertical sync input in digital RGB mode. Or V123 input in CCIR601 mode.
( Short to Vss if not used )
Note 5-6 : Digital RGB data input format
For digital RGB input data format, both SYNC. Mode and DEN mode are supported. If
DEN signal is fixed low, SYNC. Mode is used. Otherwise , DEN mode is used.
Note 5-7 : VCC Typ. = +3.3V
Note 5-8 : VCOM Typ. +6.0Vpp
Note 5-9 : ILED Typ. = 20mA., VLED Typ. = 9V
Note 5-10 : VGH Typ. =+15V.
Note 5-11 : VDD1 Typ. +3.3V.
Note 5-12 : VEE Typ. = -15V.
Note 5-13 : The definition of L/R , U/D


同様の部品番号 - PD035OX1

メーカー部品番号データシート部品情報
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
More results

同様の説明 - PD035OX1

メーカー部品番号データシート部品情報
logo
AZ Displays
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com